Electronic Components Datasheet Search
  English  ▼

X  

ADL5960 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5960
Description  10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5960 Datasheet HTML 3Page - Analog Devices ADL5960 Datasheet HTML 4Page - Analog Devices ADL5960 Datasheet HTML 5Page - Analog Devices ADL5960 Datasheet HTML 6Page - Analog Devices ADL5960 Datasheet HTML 7Page - Analog Devices ADL5960 Datasheet HTML 8Page - Analog Devices ADL5960 Datasheet HTML 9Page - Analog Devices ADL5960 Datasheet HTML 10Page - Analog Devices ADL5960 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Preliminary Technical Data
ADL5960
Rev. PrB | Page 11 of 11
OUTLINE DIMENSIONS
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
AREA
SEATING
PLANE
0.80
0.75
0.70
0.25
0.20
0.15
BOTTOM VIEW
TOP VIEW
SIDE VIEW
3.05
3.00
2.95
4.05
4.00
3.95
1.37
1.27
1.17
1.60
1.50
1.40
1
8
9
13
14
21
22
26
EXPOSED
PAD
0.50
0.40
0.30
0.35
REF
0.20
REF
0.53
REF
0.80
REF
0.80
REF
0.40
REF
0.40
BSC
Figure 13. 26-Lead lead Frame Chip Scale Package [LFCSP]
3 mm × 4 mm Body and 0.75 mm Package Height
(CP-26-1)
Dimensions shown in millimeters
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR22386-5/21(PrB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com