Electronic Components Datasheet Search
  English  ▼

X  

ADL5960 Datasheet(PDF) 1 Page - Analog Devices

Part # ADL5960
Description  10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5960 Datasheet(HTML) 1 Page - Analog Devices

  ADL5960 Datasheet HTML 1Page - Analog Devices ADL5960 Datasheet HTML 2Page - Analog Devices ADL5960 Datasheet HTML 3Page - Analog Devices ADL5960 Datasheet HTML 4Page - Analog Devices ADL5960 Datasheet HTML 5Page - Analog Devices ADL5960 Datasheet HTML 6Page - Analog Devices ADL5960 Datasheet HTML 7Page - Analog Devices ADL5960 Datasheet HTML 8Page - Analog Devices ADL5960 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
10 MHz to 20 GHz, Integrated
Vector Network Analyzer Front-End
Preliminary Technical Data
ADL5960
Rev. PrB
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rightsofthirdpartiesthat mayresult fromits use. Specificationssubjectto change withoutnotice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Wideband matched bidirectional bridge
Wideband high directivity: 15 dB typical at 20 GHz
Low insertion loss: <2 dB typical
Output flat frequency response: >1 dB
Phase synchronized measurement across multiple ports
Multiple local oscillator input configurations
Direct 10 MHz to 20 GHz frequency
On-chip frequency multipliers
Low frequency divider
IF synchronization with an ADC clock
5-bit SPI readable temperature sensor
Active supply current: 110 mA at 5.0 V (THRU = 0x00,
IFMODE = 0x3, and LOMODE = 0x1)
3 mm × 4mm, 26-lead LFCSP
Low power shutdown mode
IF amplifiers with programmable gain and programmable filter
bandwidth
APPLICATIONS
Broadband inline power and s-parameter measurements
Magnitude and phase RF power measurement
Automated test equipment
Vector network analyzers
Reflectometers
GENERAL DESCRIPTION
The ADL5960 is a wideband, front-end vector network
analyzer that consists of a bidirectional bridge, downconverters,
programmable IF amplifiers, and a configurable local oscillator
(LO) interface. The bidirectional bridge is the primary
transmission line from RFIN to RFOUT, is wideband impedance
matched to RFIN and RFOUT, has a flat frequency response with
<2 dB insertion loss, and provides 15 dB of high directivity at
20 GHz.
The ADL5960 has several programmable functions though the
serial port interface (SPI), such as frequency multipliers, frequency
dividers, output gain, and bandwidth. These functions optimize
the dynamic range measurement and simplify interfacing the
analog-to-digital converter (ADC) to the intermediate frequency
(IF) outputs and the frequency synthesizer to the LO.
The internal forward and reverse coupled ports from the
directional bridge interface with the downconverters, the IF
filter with programmable bandwidth, and the IF amplifiers with
programmable gain.
FUNCTIONAL BLOCK DIAGRAM
BIDIRECTIONAL BRIDGE
SPI
5
SPI
SPI
SPI
SPI
SPI
SPI
SPI
BIAS
TEMPERATURE
SENSOR
CAP
AVCC
IFRP
IFRM
VCM
TEMP
24
22
23
25
26
AGND
20
AGND
18
OVCC
1
AGND 2
RFIN 3
AGND 4
5
ADL5960
9
10
12
11
13
RFOUT
19
IFFM 6
IFFP 7
OVCC 8
21
17
16
15
14
÷2
×1
×2
×4
÷4
÷2
×1
Figure 1.
This interface enables dynamic range optimization and accuracy
of the forward and reverse power measurements. The IF amplifiers
have an adjustable output common-mode level and sufficient
drive capability to interface directly with a range of ADCs.
The LO interface supports a variety of different operating modes
(thru, divider, and offset) that simplify measurements swept with
RF and LO frequencies. A combination of frequency dividers and
multipliers in the LO interface use a 6 GHz frequency synthesizer
to enable operation over the full 20 GHz bandwidth. Alternatively,
the RF input frequency can sweep the LO frequency and a separate
reference clock can synchronize the IF output frequency to the
connected ADC sample frequency. Sampling the frequency of the
connected ADC centers the IF output frequency in the first
Nyquist zone. The synchronization function stops and restarts the
dividers in the LO and IF inputs to allow phase synchronization
across multiple ports.
The ADL5960 is available in a 26-lead, 3 mm × 4 mm LFCSP.


Similar Part No. - ADL5960

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5960 AD-ADL5960 Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960-EVALZ AD-ADL5960-EVALZ Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960-KIT-EVALZ AD-ADL5960-KIT-EVALZ Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960ACCZ AD-ADL5960ACCZ Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
ADL5960ACCZ-R2 AD-ADL5960ACCZ-R2 Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
More results

Similar Description - ADL5960

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
Vector Signal Analyzer
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
M9485A PXIe Multiport Vector Network Analyzer
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
N9923A FieldFox RF Vector Network Analyzer
N9923A-308 KEYSIGHT-N9923A-308 Datasheet
2Mb / 18P
Vector Network Analyzer
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
M9309A PXIe Vector Network Analyzer Synthesizer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
M9389A PXIe Vector Network Analyzer Source
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
M9485A PXIe Multiport Vector Network Analyzer
logo
Mini-Circuits
EVNA-63+ MINI-EVNA-63+ Datasheet
1Mb / 16P
Vector Network Analyzer
REV. A
logo
Analog Devices
ADL5960 AD-ADL5960_V01 Datasheet
2Mb / 32P
10 MHz to 20 GHz Integrated Vector Network Analyzer Front End
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com