Electronic Components Datasheet Search
  English  ▼

X  

ADL6316 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL6316
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL6316 Datasheet HTML 7Page - Analog Devices ADL6316 Datasheet HTML 8Page - Analog Devices ADL6316 Datasheet HTML 9Page - Analog Devices ADL6316 Datasheet HTML 10Page - Analog Devices ADL6316 Datasheet HTML 11Page - Analog Devices ADL6316 Datasheet HTML 12Page - Analog Devices ADL6316 Datasheet HTML 13Page - Analog Devices ADL6316 Datasheet HTML 14Page - Analog Devices ADL6316 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 11 of 37
0
5
10
15
20
25
30
35
40
45
50
55
60
0
1234
567
89
10 11 12 13 14
DSA ATTENUATION (dB)
OIP2
OIP3
GAIN
OP1dB
NOISE FIGURE
Figure 24. Gain, OP1dB, OIP3, OIP2, Noise Figure vs. DSA Attenuation;
VVA Attenuation = 0 dB, Frequency = 869 MHz
0
5
10
15
20
25
30
35
40
45
50
55
60
0123456789 10 11 12 13 14 15 16 17 18 19 20 21
VVA ATTENUATION (dB)
OIP2
OIP3
GAIN
OP1dB
NOISE FIGURE
Figure 25. Gain, OP1dB, OIP3, OIP2, Noise Figure vs. VVA Attenuation;
DSA Attenuation = 0 dB, Frequency = 960 MHz
0
5
10
15
20
25
30
35
40
45
50
55
60
01
23
45
678
9
10 11 12 13 14
DSA ATTENUATION (dB)
OIP2
OIP3
GAIN
OP1dB
NOISE FIGURE
Figure 26. Gain, OP1dB, OIP3, OIP2, Noise Figure vs. DSA Attenuation;
VVA Attenuation = 0 dB, Frequency = 960 MHz
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
50
70
90
110
130
150
170
190
210
230
250
–50
–30
–10
10
30
50
70
90
110
130
150
JUNCTION TEMPERATURE (°C)
Figure 27. Proportional to Absolute Temperature (PTAT) ADC Code and PTAT
Voltage vs. Junction Temperature
CH1 800mV 1MΩ –741mV
M200ns
T
10.3004000µs
CH2 980mV 50Ω
1.36V
1
2
386.81ns
START TIME
STOP TIME
Figure 28. VVA Gain Settling Time, Minimum to Maximum VVA Attenuation
CH1 800mV 1MΩ –741mV
M500ns
T
11.6497800
CH2 980mV 50Ω
1.36V
1
2
1.6813µs
START TIME
STOP TIME
Figure 29. VVA Gain Settling Time, Maximum to Minimum VVA Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com