Electronic Components Datasheet Search
  English  ▼

X  

ADL6316 Datasheet(PDF) 13 Page - Analog Devices

Part # ADL6316
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADL6316 Datasheet HTML 9Page - Analog Devices ADL6316 Datasheet HTML 10Page - Analog Devices ADL6316 Datasheet HTML 11Page - Analog Devices ADL6316 Datasheet HTML 12Page - Analog Devices ADL6316 Datasheet HTML 13Page - Analog Devices ADL6316 Datasheet HTML 14Page - Analog Devices ADL6316 Datasheet HTML 15Page - Analog Devices ADL6316 Datasheet HTML 16Page - Analog Devices ADL6316 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 13 of 37
–40
–35
–30
–25
–20
–15
–10
–5
0
0.5
0.6
0.7
0.8
0.9
1.0
FREQUENCY (GHz)
Figure 36. Return Loss of Single-Ended RF Output S22 from 0.5 GHz to
1.0 GHz
150
155
160
165
170
175
180
185
190
195
200
205
210
215
220
225
230
235
240
245
250
500
550
600
650
700
750
800
850
900
950
1000
FREQUENCY (MHz)
TC = –20°C
TC = +40°C
TC = +105°C
AMPLIFIER 1 CURRENT
AMPLIFIER 2 CURRENT
Figure 37. Amplifier 1 and Amplifier 2 Supply Current vs. Frequency for
Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com