Electronic Components Datasheet Search
  English  ▼

X  

ADL6316 Datasheet(PDF) 21 Page - Analog Devices

Part # ADL6316
Description  500 MHz to 1000 MHz Transmit VGA for Use with RF DACs and Transceivers
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6316 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADL6316 Datasheet HTML 17Page - Analog Devices ADL6316 Datasheet HTML 18Page - Analog Devices ADL6316 Datasheet HTML 19Page - Analog Devices ADL6316 Datasheet HTML 20Page - Analog Devices ADL6316 Datasheet HTML 21Page - Analog Devices ADL6316 Datasheet HTML 22Page - Analog Devices ADL6316 Datasheet HTML 23Page - Analog Devices ADL6316 Datasheet HTML 24Page - Analog Devices ADL6316 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
ADL6316
Rev. 0 | Page 21 of 37
APPLICATIONS INFORMATION
LINEARITY OPTIMIZATION
The linearity in the ADL6316 can be optimized through the
TRM_AMP2_IP3 (Register 0x11B, Bits[1:0]) and TRM_
AMP2_CB (Register 0x10B, Bits[1:0]) settings. Set the IP3_OFF
bit (Register 0x101, Bit 1) 0x00 for OIP3 optimization. The
TRM_AMP2_IP3 bits control the switches in the second
amplifier that enables optimal third-order distortion cancellation
and optimal OIP3. The TRM_AMP2_CB bits control the
common base bias current on the transistor and allows
additional linearity optimization.
35
36
37
38
39
40
41
42
43
44
45
500
600
700
800
900
1000 1100 1200 1300 1400 1500
RF FREQUENCY (MHz)
TRM_AMP2_IP3 = 0
TRM_AMP2_IP3 = 1
TRM_AMP2_IP3 = 2
TRM_AMP2_IP3 = 3
Figure 43. OIP3 vs. RF Frequency for Various TRM_AMP2_IP3 Settings,
TRM_AMP2_CB = 0x02, TRM_AMP1_IREF_x and TRM_AMP2_IREF_x = 0x02
Figure 43 shows that the OIP3 is optimizable across the
TRM_AMP2_IP3 settings.
PERFORMANCE AND POWER OPTIMIZATION
The ADL6316 provides another level of control to optimize
power or performance. In applications where performance is
critical, the ADL6316 offers performance optimization at the
expense of power consumption. However, if low power is the
priority, the ADL6316 offers tuning options through the
TRM_AMPx_IREF_1 (Register 0x117 and 0x119, Bits[3:0])
in the amplifier blocks of the chip to further reduce power
consumption.
Table 20 shows that the potential power optimization vs.
performance can fine tune the reference current on RF
amplifier settings.
ADJACENT AND ALTERNATE CHANNEL POWER
RATIOS ON LTE OPERATION
Figure 44 shows the adjacent and alternate channel power ratios
(CPR) for the ADL6316 using 5 MHz one-carrier LTE. The
adjacent CPR is −71.4 dB and the alternative CPR is −75.3 dB at
an RF of 960 MHz. The adjacent and alternate CPR performance
varies over output power. On the ADL6316, the output power
can be varied by adjusting the input power, the VVA attenuation,
or the DSA attenuation. Figure 45 to Figure 47 show adjacent and
alternate CPR vs. output power at an RF of 960 MHz for the
different methods of controlling the ADL6316.
As shown in Figure 45, the optimum adjacent and alternate CPR
can be achievable at an output power of 5 dBm, which corresponds
to an input power of −25.2 dBm driving the ADL6316 where the
internal VVA is set to 0 dB, and the DSA is set to 0 dB attenuation.
Figure 46 and Figure 47 show adjacent and alternate CPR vs.
output power that is adjusted by VVA attenuation and by DSA
attenuation, respectively, with −14.9 dBm of input power. Figure 45
to Figure 47 show below −65 dB adjacent and alternate CPR
performance at below 10 dBm output power, and there is gradual
degradation above 10 dBm from the contribution to the adjacent
and alternate CPR performance of the second stage RF amplifier.
When fixing the VVA attenuation and sweeping the DSA, the
adjacent and alternate CPR performance remains constant
below 6 dBm output power (see Figure 47).
Table 20. Power Optimization vs. Performance at 960 MHz, VVA Attenuation = 0 dB, DSA Attenuation = 0 dB, TRM_AMP2_IP3 = 0x02
TRM_AMPx_IREF_1 Setting (Decimal)
(Register 0x117 and Register 0x119, Bits[3:0])
DC Power (W)
Gain (dB)
OP1dB (dBm)
OIP3 (dBm)
NF (dB)
3
2.32
30.71
24.32
40.89
5.98
2
2.06
30.71
24.54
41.21
5.88
1
1.8
30.62
24.51
40.73
5.78
0
1.5
30.24
24.39
38.60
5.72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com