Electronic Components Datasheet Search
  English  ▼

X  

V3025 Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # V3025
Description  17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3025 Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button V3025 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 15Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 16Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 17Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
R
V3025
Copyright © 2004, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
Reading the Clock
Start
Write clock command
(addr. F1 hex) to the V3025
Read data from the V3025 to
copy the timer parameters from
the reserved clock area to the
RAM.
Write 1/100 sec. address
(20 hex) to the V3025
Read 1/100 sec. data from the
RAM
Write sec. address (21 hex) to
the V3025
Read sec. data from the RAM
Write min. address (22 hex) to
the V3025
Read min. data from the RAM
End
A/D = 0
A/D = 1
A/D = 0
A/D = 1
A/D = 0
A/D = 1
A/D = 0
A/D = 1
[Pin 7 = A/D]
Fig. 12
Setting the Timer (Time Set Lock Bit = 0)
Start
Write 1/100 sec. address
(40 hex) to the V3025
Write 1/100 sec. data to the
RAM
Write sec. address (41 hex) to
the V3025
Write sec. data to the RAM
Write min. address (42 hex) to
the V3025
Write min. data to the RAM
Write hours address (43 hex) to
the V3025
Write hours data to the RAM
End
A/D = 0
A/D = 1
A/D = 0
A/D = 1
A/D = 0
A/D = 1
A/D = 0
A/D = 1
[Pin 7 = A/D]
Write timer command
(addr. F2 hex) to the V3025
A/D = 0
Write F2 hex to the V3025 to
copy the timer parameters from
RAM to the reversed timer area
A/D = 1
Fig. 13
Note
: Commands are only valid as commands when the
A
/D line is low. Writing F2 hex with the A /D line high,
as in the last box of Fig. 11, serves only to activate the
V3025 write pin which determines the direction of transfer.
Alarm
An alarm date and time may be preset in RAM addresses
30 to 34 hex. The alarm function can be activated by
setting the alarm enable / disable bit (addr. 00 hex, bit 2).
Once enabled the preset alarm time and date are
compared, every internal time update cycle (10 ms), with
the clock parameters in the reserved clock area. When
the clock parameters equal the alarm parameters the
alarm flag (addr. 01 hex, bit 5) is set. If the alarm mask bit
(addr. 01 hex, bit 1) is set, the IRQ pin goes active. The
alarm flag indicates to software the source of the interrupt.
IRQ
will remain active until software acknowledges the
interrupt by clearing the alarm flag.
If the alarm is
enabled, and an alarm address set to FF hex, this
parameters is not compared with the associated clock
parameter. Thus it is possible to achieve a repeat feature
where an alarm occurs every programmed number of
seconds, or seconds and minutes, or seconds, minutes
and hours. The V3025 pulls the open drain IRQ line
active low during standby when an alarm interrupt occurs.
If the 12/24 hour mode is changed then the alarm
hours must be re-initialised.
Note
: The user should ensure that a time lapse of at least
60 microseconds exists between the falling edge of the
IRQ
and the clearing of the alarm flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com