Electronic Components Datasheet Search
  English  ▼

X  

V3025 Datasheet(PDF) 14 Page - EM Microelectronic - MARIN SA

Part # V3025
Description  17Very Low Power 8-Bit 32 kHz RTC Module with Digital Trimming, User RAM and Battery Switch-over
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

V3025 Datasheet(HTML) 14 Page - EM Microelectronic - MARIN SA

Back Button V3025 Datasheet HTML 9Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 10Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 11Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 12Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 13Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 14Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 15Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 16Page - EM Microelectronic - MARIN SA V3025 Datasheet HTML 17Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
R
V3025
Copyright © 2004, EM Microelectronic-Marin SA
14
www.emmicroelectronic.com
IRQ
The IRQ output is used by 4 of the V3025's features.
These are:
1. Pulse,
to
provide
periodic
interrupts
to
the
microprocessors at pre-programmed intervals;
2. Alarm to provide an interrupt to the microprocessor at
a pre-programmed time and date;
3. Timer, to provide an interrupt to the microprocessor
when the time rolls over from 23:59:59:99 to
00:00:00:00; and
4. Frequency
trimming
(see
section
"Frequency
Trimming").
The first 3 features listed are similar in the way they
provide interrupts to the microprocessor. Each of the 3
has an enable / disable bit, a flag bit, and an interrupt
mask bit. The enable / disable bit allows software to
select a feature or not. A set flag bit indicates that an
enable feature has reached its interrupt condition.
Software must clear the flag bit. The interrupt mask bit
allows or disallows the IRQ output to become active
when the flag bit is se. The IRQ output becomes active
whenever any interrupt flag is set which also has its mask
bit set. For all sources of maskable interrupts within the
V3025, the IRQ output will remain active until software
clears the interrupt flag. The IRQ output is the logical OR
of all the unmasked interrupt flags. The IRQ output is
open drain so an external pullup to VDD is needed. In
standby ( PF active) the IRQ output will be active if the
alarm mask bit (addr, 01 hex, bit 1) is set and the alarm
flag is also set. The timer or the pulse feature cannot
cause the IRQ output to become active while in standby.
Snychronization
There are 3 ways to synchronize the V3025. It can be
synchronized to 50 Hz, the nearest second, or the nearest
minute. Synchronization mode is selected by setting one
of the bits 5 to 7 at addr. 02 hex, in accordance with Table
8. If more than one bit is set then all the synchronization
bits are disabled. If the SYNC input is set low for longer
than 200 µs, while in the synchronization mode, the clock
will synchronize to the falling edge of the signal.
Synchronization to the nearest second implies that the
1/100 seconds are cleared to zero and if the contents
were > 50, the seconds register is incremented.
Synchronization to the nearest minute implies that the
seconds are cleared to zero and if the contents were > 30,
the minutes register is incremented. Fractions of seconds
are cleared.
Pulse
There are 4 programmable pulse frequencies available on
the V3025, these are every 10 ms, 100 ms, second or
minute. The pulse feature is activated by setting the pulse
enable / disable bit at address 00, bit 1.
The pulse
frequency is selected by setting one of the bit 0 to 3 at
address 02 hex (see Table 9). If more than one of the
pulse bits is set then the feature is disabled.
At the
selected interval the pulse flag bit (addr. 01 hex, bit 4) is
set. If the pulse mask bit (addr. 01 hex, bit 0) is set then
the IRQ pin goes active. The pulse flag indicates to
software the source of the interrupt.
IRQ
will remain
active until software acknowledges the interrupt by
clearing the pulse flag. The pulse feature is disabled
while in standby.
Upon power restoration the pulse
feature is enabled if enabled prior to standby. See also
the section "Frequency Tuning".
Note: The user should ensure that a time lapse of at least
60 microseconds exists between the falling edge of the
IRQ
and the clearing of the pulse flag.
Time Set Lock
The time set lock control bit is located at address 00 hex,
bit 5 (see Table 7).
When set by software, this bit
disables any transfer from the RAM to the reserved clock
and timer area as well as inhibiting any write to the digital
trimming register at address 10 hex. When the time set
lock bit is set the following transfer operations are
disabled:
The clock command followed by write,
the timer command followed by write,
the clock and timer command followed by write, and
writing to the digital trimming register
A set bit prevents unauthorized overwriting of the
reserved clock and timer area. Reading of the reserved
clock and timer area, using the commands, is not affected
by the time set lock bit. Clearing the time set lock bit by
software will re-enable the above listed commands. On
initialisation the time set lock bit is cleared. The time set
lock bit does not affect the user RAM (addr. 50 to 5F hex).
Frequency Tuning
The V3025 offers a key feature called "Digital Trimming",
which is used for the clock accuracy adjustment. Unlike
the traditional capacitor trimming method which tunes the
crystal oscillator, the digital trimming acts on the divider
chain, allowing the clock adjustment by software. The
oscillator frequency itself is not affected.
The Principle of Digital Trimming
With the digital trimming disabled (ie. digital trimming
register set to 00 hex), the oscillator and the first stages of
the divider chain will run slightly too fast (typ. 210 ppm:
ppm = parts per million), and will generate a 100 Hz signal
with a frequency of typically 100.021 Hz. To correct this
frequency, the digital trimming logic will inhibit every 31
seconds, a number of clock pulses, as set in the digital
trimming register.
Since the duration of 31 seconds
corresponds to 1'015'808 oscillator cycles, the digital
trimming has a resolution of 0.984 ppm. In other words
every increment by 1 of the digital trimming value will slow
down the clock by 0.984 ppm, which permits the accuracy
of ± 0.5 ppm to be reached. Note that a 1 ppm error will
result in a 1 second difference after 11.5 days, or a 1
minute difference after 694 days ! The trimming range of
the V3025 is from 0 to 251 ppm. The 251 ppm correction
is obtained by writing 255 (FFhex) into the digital trimming
register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com