Electronic Components Datasheet Search
  English  ▼

X  

ACE7263CIMH Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE7263CIMH
Description  27V 2A 500KHz Synchronous Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7263CIMH Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE7263CIMH Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE7263C
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
4
Note: If the input voltage is below 12V, R1 can be set to 0K and R2 can be removed
.
Electrical Characteristics
(VIN=12V, TA=25℃, unless otherwise stated)
Parameter
Test Conditions
Min
Typ
Max
Unit
Input voltage range
4.2
27
V
UVLO threshold
Vin rising
3.8
V
UVLO hysteresis
Vin falling
200
mV
Supply current in operation
VEN = 5V, VFB = 1V
150
uA
Supply current in shutdown
VEN = 0V
1
uA
Regulated feedback voltage
3.8V≤VIN ≤27V
0.784
0.8
0.816
V
High-side switch on resistance
VBST-SW = 5V
180
mΩ
Low-side switch on resistance
VIN = 5V
110
mΩ
High-side switch leakage current
VEN = 0V, VSW = 0V
0.1
10
uA
Upper switch current limit
Minimum duty cycle
3
A
Oscillation frequency
500
KHz
Maximum duty cycle
93
%
Minimum on time
100
ns
EN input voltage “H”
1.5
V
EN input voltage “L”
0.6
V
Thermal shutdown
160
℃



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com