Electronic Components Datasheet Search
  English  ▼

X  

ACE7263CIMH Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE7263CIMH
Description  27V 2A 500KHz Synchronous Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7263CIMH Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE7263CIMH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ACE7263C
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
6
Functional Descriptions
Loop Operation
The ACE7263C is a wide input range, high-efficiency, DC-to-DC step-down switching regulator, capable
of delivering up to 2A of output current, integrated with a 180/110m
Ω synchronous MOSFET pair,
eliminating the need for external diode. It uses a PWM current-mode control scheme. An error amplifier
integrates error between the FB signal and the internal reference voltage. The output of the integrator is
then compared to the sum of a current-sense signal and the slope compensation ramp. This operation
generates a PWM signal that modulates the duty cycle of the power MOSFETs to achieve regulation for
output voltage.
Internal soft-start
The soft-start is important for many applications because it eliminates power-up initialization problems.
The controlled voltage ramp of the output also reduces peak inrush current during start-up, minimizing
start-up transient events to the input power bus.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com