Electronic Components Datasheet Search
  English  ▼

X  

ACE7263CIMH Datasheet(PDF) 8 Page - ACE Technology Co., LTD.

Part # ACE7263CIMH
Description  27V 2A 500KHz Synchronous Step-Down DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7263CIMH Datasheet(HTML) 8 Page - ACE Technology Co., LTD.

Back Button ACE7263CIMH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE7263CIMH Datasheet HTML 10Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ACE7263C
27V 2A 500KHz Synchronous Step-Down DC/DC Converter
VER 1.2
8
Where ΔIL is the inductor ripple current. Choose an inductor current approximately 30% of the maximum
load current. The maximum inductor peak current is:
Under light-load conditions (below 100mA), use a larger inductor to improve efficiency.
Selecting the output capacitor
The output capacitor maintains the DC output voltage. Use ceramic, tantalum, or low-ESR electrolytic
capacitors. Use low ESR capacitors to limit the output voltage ripple. Estimate the output voltage ripple
with:
Where L is the inductor value and RESR is the equivalent series resistance (ESR) of the output capacitor.
For ceramic capacitors, the capacitance dominates the impedance at the switching frequency and causes
most of the output voltage ripple. For simplification, estimate the output voltage ripple with:
For tantalum or electrolytic capacitors, the ESR dominates the impedance at the switching frequency. For
simplification, the output ripple can be approximated with:
The characteristics of the output capacitor also affect the stability of the regulation system. The
ACE7263C can be optimized for a wide range of capacitance and ESR values.
Selecting the external boost diode
It is recommended to add an external Boost Diode to improve efficiency and stability in these situations
when the input voltage is fixed at 5.0V. Any a readily and cheap diode can meet the need of these
application such as 1N4148.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com