Electronic Components Datasheet Search
  English  ▼

X  

ICS8431I-21 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS8431I-21
Description  350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431I-21 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS8431I-21 Datasheet HTML 1Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 6Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 7Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
8431AMI-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 2, 2005
3
Integrated
Circuit
Systems, Inc.
ICS8431I-21
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-
TO
-3.3V LVPECL FREQUENCY SYNTHESIZER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
,
4
,
3
,
2
,
1
7
,
6
,
5
6
M
-
0
Mt
u
p
n
In
w
o
d
ll
u
P
n
o
i
t
i
s
n
a
r
t
H
G
I
H
-
o
t
-
W
O
L
n
o
d
e
h
c
t
a
l
a
t
a
D
.
s
t
u
p
n
i
r
e
d
i
v
i
d
M
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
s
n
i
p
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
D
A
O
L
_
P
n
f
o
9
,
88
M
-
7
Mt
u
p
n
Ip
u
ll
u
P
1
1
,
0
1
,
0
L
T
C
C
S
S
1
L
T
C
C
S
S
t
u
p
n
Ip
u
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
O
M
C
V
L
/
L
T
T
V
L
.
s
n
i
p
l
o
r
t
n
o
c
C
C
S
1
2
,
5
1
,
2
1V
E
E
r
e
w
o
PV
ll
a
t
c
e
n
n
o
C
.
s
n
i
p
y
l
p
p
u
s
e
v
i
t
a
g
e
N
E
E
.
d
n
u
o
r
g
d
r
a
o
b
o
t
s
n
i
p
3
1O
/
I
T
S
E
T
/
t
u
p
n
I
t
u
p
t
u
O
.
e
l
b
a
T
n
o
i
t
c
n
u
F
A
3
e
l
b
a
T
n
i
d
e
n
i
f
e
d
s
a
d
e
m
m
a
r
g
o
r
P
7
2
,
4
1V
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
7
1
,
6
1T
U
O
F
,
T
U
O
F
nt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
C
E
P
V
L
V
3
.
3
.
r
e
z
i
s
e
h
t
n
y
s
e
h
t
r
o
f
s
t
u
p
t
u
o
l
a
i
t
n
e
r
e
f
f
i
D
8
1V
O
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
9
1L
E
S
_
V
I
Dt
u
p
n
In
w
o
d
ll
u
P
.
T
U
O
F
r
o
f
e
u
l
a
v
e
d
i
v
i
d
t
u
p
t
u
o
e
h
t
s
e
n
i
m
r
e
t
e
D
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
0
2R
Mt
u
p
n
In
w
o
d
ll
u
P
e
r
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
t
e
s
e
R
r
e
t
s
a
M
h
g
i
H
e
v
i
t
c
A
t
u
p
t
u
o
d
e
t
r
e
v
n
i
e
h
t
d
n
a
w
o
l
o
g
o
t
T
U
O
F
t
u
p
t
u
o
e
u
r
t
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
e
h
t
d
n
a
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
h
g
i
h
o
g
o
t
T
U
O
F
n
T
d
n
a
M
d
e
d
a
o
l
t
c
e
f
f
e
t
o
n
s
e
o
d
R
M
f
o
n
o
i
t
r
e
s
s
A
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
e
u
l
a
v
2
2V
A
C
C
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
4
2
,
3
2c
nd
e
s
u
n
U.
t
c
e
n
n
o
c
o
N
6
2
,
5
2
,
T
U
O
_
L
A
T
X
N
I
_
L
A
T
X
t
u
p
n
I
.
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
8
2D
A
O
L
_
P
nt
u
p
n
In
w
o
d
ll
u
P
0
M
:
8
M
t
a
t
n
e
s
e
r
p
a
t
a
d
n
e
h
w
s
e
n
i
m
r
e
t
e
D
.
t
u
p
n
i
d
a
o
l
l
e
ll
a
r
a
P
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
S
O
M
C
V
L
/
L
T
T
V
L
.
r
e
d
i
v
i
d
M
o
t
n
i
d
e
d
a
o
l
s
i
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
n
i
P
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com