Electronic Components Datasheet Search
  English  ▼

X  

ICS8431I-21 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS8431I-21
Description  350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431I-21 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS8431I-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 6Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 7Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 9Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 10Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 11Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 12Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 13Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
8431AMI-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 2, 2005
9
Integrated
Circuit
Systems, Inc.
ICS8431I-21
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-
TO
-3.3V LVPECL FREQUENCY SYNTHESIZER
SPREAD SPECTRUM
Spread-spectrum clocking is a frequency modulation tech-
nique for EMI reduction. When spread-spectrum is enabled,
a 30kHz triangle waveform is used with 0.5% down-spread
(+0.0% / -0.5%) from the nominal 200MHz clock frequency.
An example of a triangle frequency modulation profile is shown
in
Figure 4A below. The ramp profile can be expressed as:
• Fnom = Nominal Clock Frequency in Spread OFF mode
(200MHz with 16MHz IN)
• Fm = Nominal Modulation Frequency (30kHz)
•
δ = Modulation Factor (0.5% down spread)
(1 -
δ) fnom + 2 fm x δ x fnom x t when 0 < t <
,
(1 -
δ) fnom - 2 fm x δ x fnom x t when
< t <
1
2 fm
1
2 fm
1
fm
The ICS8431I-21 triangle modulation frequency deviation will
not exceed 0.6% down-spread from the nominal clock fre-
quency (+0.0% / -0.5%). An example of the amount of down
spread relative to the nominal clock frequency can be seen in
the frequency domain, as shown in
Figure 4B. The ratio of
this width to the fundamental frequency is typically 0.4%, and
will not exceed 0.6%. The resulting spectral reduction will be
greater than 7dB, as shown in
Figure 4B. It is important to
note the ICS8431I-21 7dB minimum spectral reduction is the
component-specific EMI reduction, and will not necessarily
be the same as the system EMI reduction.
FIGURE 4B. 200MHZ CLOCK OUTPUT IN FREQUENCY DOMAIN
(A) SPREAD-SPECTRUM OFF (B) SPREAD-SPECTRUM ON
FIGURE 4A. TRIANGLE FREQUENCY MODULATION
Δ − 10 dBm
δ = .4%
B
A
➤
Fnom
(1 -
δ) Fnom
0.5/fm
1/fm
➤
CRYSTAL INPUT INTERFACE
The ICS8431I-21 has been characterized with 18pF parallel resonant
crystals. The capacitor values, C1 and C2, shown in
Figure 3 below
were determined using a 25MHz, 18pF parallel resonant crystal and
Figure 3. CRYSTAL INPUT INTERFACE
were chosen to minimize the ppm error. The optimum C1 and C2
values can be slightly adjusted for different board layouts.
C1
22p
X1
18pF Parallel Crystal
C2
22p
XTAL_OUT
XTAL_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com