Electronic Components Datasheet Search
  English  ▼

X  

ICS8431I-21 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8431I-21
Description  350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8431I-21 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8431I-21 Datasheet HTML 2Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 3Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 4Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 5Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 6Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 7Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 8Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 9Page - Integrated Circuit Systems ICS8431I-21 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
8431AMI-21
www.icst.com/products/hiperclocks.html
REV. A AUGUST 2, 2005
6
Integrated
Circuit
Systems, Inc.
ICS8431I-21
350MHZ, LOW JITTER, CRYSTAL OSCILLATOR-
TO
-3.3V LVPECL FREQUENCY SYNTHESIZER
TABLE 6. AC CHARACTERISTICS, V
CC = VCCA = VCCO = 3.3V±5%, T
A
= -40°C TO 85°C
TABLE 5. CRYSTAL CHARACTERISTICS
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
4
16
15
2z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
4
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
37
F
p
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
F
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
5
.
2
60
5
3z
H
M
tj)
c
c
(
t
i
5
,
1
E
T
O
N
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
CF
T
U
O
≥
z
H
M
0
0
19
10
3s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
40
52
5%
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
20
0
7s
p
F
l
a
t
x
3
,
2
E
T
O
N
;
e
g
n
a
R
t
u
p
n
I
l
a
t
s
y
r
C
4
16
15
2z
H
M
F
M
4
E
T
O
N
;
y
c
n
e
u
q
e
r
F
n
o
i
t
a
l
u
d
o
M
C
S
SF
T
U
O
z
H
M
0
0
2
=9
23
3
.
3
3z
H
K
F
F
M
4
E
T
O
N
;
r
o
t
c
a
F
n
o
i
t
a
l
u
d
o
M
C
S
SF
T
U
O
z
H
M
0
0
2
=4
.
06
.
0%
C
S
S
d
e
r
;
n
o
i
t
c
u
d
e
R
l
a
r
t
c
e
p
S4
E
T
O
NF
T
U
O
z
H
M
0
0
2
=7
0
1B
d
t
E
L
B
A
T
S
t
u
p
t
u
O
k
c
o
l
C
e
l
b
a
t
S
o
t
p
u
-
r
e
w
o
P
0
1s
m
.
n
o
i
t
c
e
s
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
h
t
n
i
s
e
r
u
g
i
F
e
e
S
.
s
t
u
p
n
i
L
A
T
X
g
n
i
s
u
e
c
n
a
m
r
o
f
r
e
p
r
e
t
t
i
J
:
1
E
T
O
N
.
e
g
n
a
r
g
n
i
t
a
r
e
p
o
O
C
V
e
h
t
n
i
h
t
i
w
d
il
a
v
y
l
n
O
:
2
E
T
O
N
.
e
t
o
N
n
o
i
t
a
c
il
p
p
A
o
t
r
e
f
e
r
,
t
u
p
n
i
L
A
T
X
r
o
F
:
3
E
T
O
N
:
4
E
T
O
N.
d
e
l
b
a
n
e
g
n
i
k
c
o
l
c
m
u
r
t
c
e
p
S
d
a
e
r
p
S
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
5
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com