Electronic Components Datasheet Search
  English  ▼

X  

ICS650-27 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS650-27
Description  Networking Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-27 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS650-27 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Networking Clock Source
MDS 650-27 D
4
Revision 070505
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS650-27
External Components
The ICS650-27 requires a minimum number of external
components for proper operation.
Decoupling Capacitor
Decoupling capacitors of 0.01µF must be connected
between each VDD and GND (pins 4 and 6, pins 16
and 14), as close to the device as possible. For
optimum device performance, the decoupling capacitor
should be mounted on the component side of the PCB.
Avoid the use of vias in the decoupling circuit.
Series Termination Resistor
When the PCB trace between the clock outputs and the
loads are over 1 inch, series termination should be
used. To series terminate a 50
Ω trace (a commonly
used trace impedance), place a 33
Ω resistor in series
with the clock line as close to the clock output pin as
possible. The nominal impedance of the clock output is
20
Ω.
Crystal Information
The crystal used should be a fundamental mode (do
not use third overtone), parallel resonant. Crystal
capacitors should be connected from pins X1 to ground
and X2 to ground to optimize the initial accuracy. The
value of these capacitors is given by the following
equation:
Crystal caps (pF) = (CL - 6) x 2
In the equation, CL is the crystal load capacitance. So,
for a crystal with a 16pF load capacitance, two 20 pF
[(16-6) x 2] capacitors should be used.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS650-27. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
Recommended Operation Conditions
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
175
°C
Soldering Temperature
260
°C
Parameter
Min.
Typ.
Max.
Units
Ambient Operating Temperature
-40
+85
°C
Power Supply Voltage (measured in respect to GND)
+3.0
+3.3
+3.6
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com