Electronic Components Datasheet Search
  English  ▼

X  

ICS650-27 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS650-27
Description  Networking Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-27 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS650-27 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Networking Clock Source
MDS 650-27 D
5
Revision 070505
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS650-27
DC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V ±10%, Ambient Temperature -40 to +85
°C
AC Electrical Characteristics
Unless stated otherwise, VDD = 3.3 V±10%, Ambient Temperature -40 to +85
°C
Note 1: Measured with 15 pF load
Thermal Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Operating Voltage
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
X1 pin only, CLK input
VDD/2+1
VDD/2
V
Input Low Voltage
VIL
X1 pin only, CLK input
VDD/2
VDD/2-1
V
Input High Voltage
VIH
all tri-level type inputs
VDD-0.5
V
Input Low Voltage
VIL
all tri-level type inputs
0.5
V
Input High Voltage
VIH
all other inputs
2
V
Input Low Voltage
VIL
all other inputs
0.8
V
Output High Voltage
VOH
IOH = -25 mA
2.4
V
Output Low Voltage
VOL
IOL = 25mA
0.8
V
Output High Voltage, CMOS level
VOH
IOH = -8 mA
VDD-0.4
V
Operating Supply Current
IDD
No Load
50
mA
Short Circuit Current
IOS
Each output
±50
mA
Internal pull-up resistor
RPU
BCS1, OE pins
510
k
Ω
ACSI pin
120
k
Ω
Nominal output impedance
ZOUT
20
Ω
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
10
12.5 or
25
27
MHz
Output Rise Time
tOR
0.8 to 2.0 V, Note 1
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, Note 1
1.5
ns
Output Clock Duty Cycle
At VDD/2, Note 1
40
50
60
%
Frequency Error
All clocks
0
ppm
Absolute Jitter, short term
Variation from mean,
Note 1
±150
ps
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to Ambient
θ
JA
Still air
135
°C/W
θ
JA
1 m/s air flow
93
°C/W
θ
JA
3 m/s air flow
78
°C/W
Thermal Resistance Junction to Case
θ
JC
60
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com