Electronic Components Datasheet Search
  English  ▼

X  

ICS650-27 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS650-27
Description  Networking Clock Source
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-27 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS650-27 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-27 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS650-27
MDS 650-27 D
1
Revision 070505
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Networking Clock Source
Description
The ICS650-27 is a low cost, low jitter, high
performance clock synthesizer for networking
applications. Using analog Phase-Locked Loop (PLL)
techniques, the device accepts a 12.5 MHz or 25 MHz
clock or fundamental mode crystal input to produce
multiple output clocks for networking chips, PCI
devices, SDRAM, and ASICs. The ICS650-27 outputs
all have zero ppm synthesis error.
The ICS650-27 is pin compatible and functionally
equivalent to the ICS650-07. It is a performance
upgrade and is recommended for all new 3.3V
designs.
See the MK74CB214, ICS551, and ICS552-01 for
non-PLL buffer devices which produce multiple
low-skew copies of these output clocks.
See the ICS570, ICS9112-16/17/18 for zero delay
buffers that can synchronize outputs and other needed
clocks.
Features
• Packaged in 20-pin (150 mil) SSOP (QSOP)
• Available in Pb (lead) free package
• 12.5 MHz or 25 MHz fundamental crystal or clock
input
• Six output clocks with selectable frequencies
• SDRAM frequencies of 67, 83, 100, and 133 MHz
• Buffered crystal reference output
• Zero ppm synthesis error in all clocks
• Ideal for PMC-Sierra’s ATM switch chips
• Full CMOS output swing with 25 mA output drive
capability at TTL levels
• Advanced, low-power, sub-micron CMOS process
• Operating voltage of 3.3 V
• Industrial temperature only
Block Diagram
Clock
Buffer/
Crystal
Oscillator
Clock
Synthesis
and Control
Circuitry
25 or 12.5 MHz
cyrstal or clock
ACS1:0
CLKA1
CCS
GND
2
BCS1:0
2
2
X1/ICLK
X2
CLKA2
CLKB1
CLKB2
CLKC1
CLKC2
REFOUT
VDD
2
/2
/2
OE (all outputs)


Similar Part No. - ICS650-27

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
NETWORKING CLOCK SOURCE
REV F 051310
More results

Similar Description - ICS650-27

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS650-36 ICST-ICS650-36 Datasheet
168Kb / 7P
Networking & PCI Clock Source
Revision 030206
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-07C RENESAS-ICS650-07C Datasheet
387Kb / 10P
NETWORKING CLOCK SOURCE
102709
ICS650-27 RENESAS-ICS650-27 Datasheet
391Kb / 8P
NETWORKING CLOCK SOURCE
REV F 051310
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com