Electronic Components Datasheet Search
  English  ▼

X  

ADRF5424 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5424
Description  Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5424 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5424 Datasheet HTML 4Page - Analog Devices ADRF5424 Datasheet HTML 5Page - Analog Devices ADRF5424 Datasheet HTML 6Page - Analog Devices ADRF5424 Datasheet HTML 7Page - Analog Devices ADRF5424 Datasheet HTML 8Page - Analog Devices ADRF5424 Datasheet HTML 9Page - Analog Devices ADRF5424 Datasheet HTML 10Page - Analog Devices ADRF5424 Datasheet HTML 11Page - Analog Devices ADRF5424 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ADRF5424
Preliminary Technical Data
Rev. PrD | Page 12 of 12
OUTLINE DIMENSIONS
Figure 21. 14-Pad Bare Die [CHIP]
2.50 mm x 2.60 mm Body and 0.425 mm Height
(C-14-8)
Dimensions shown in millimeters
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR25410-6/21(PrD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com