Electronic Components Datasheet Search
  English  ▼

X  

ADRF5424 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF5424
Description  Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5424 Datasheet(HTML) 2 Page - Analog Devices

  ADRF5424 Datasheet HTML 1Page - Analog Devices ADRF5424 Datasheet HTML 2Page - Analog Devices ADRF5424 Datasheet HTML 3Page - Analog Devices ADRF5424 Datasheet HTML 4Page - Analog Devices ADRF5424 Datasheet HTML 5Page - Analog Devices ADRF5424 Datasheet HTML 6Page - Analog Devices ADRF5424 Datasheet HTML 7Page - Analog Devices ADRF5424 Datasheet HTML 8Page - Analog Devices ADRF5424 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADRF5424
Preliminary Technical Data
Rev. PrD | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Specifications..................................................................................... 3
Electrical Specifications............................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
Power Derating Curves................................................................ 5
Die-On-Carrier Device Construction and Temperature Cycle
Reliability....................................................................................... 5
ESD Caution.................................................................................. 6
Pad Configuration and Function Descriptions ............................ 7
Interface Schematics .....................................................................7
Typical Performance Characteristics ..............................................8
Insertion Loss, Return Loss, and Isolation ................................8
Input Power Compression and Third-Order Intercept............9
Theory of Operation ...................................................................... 10
RF Input and Output ................................................................. 10
Power Supply............................................................................... 10
Applications Information .............................................................. 11
Assembly Diagram ..................................................................... 11
Mounting and Bonding Techniques ........................................ 11
Outline Dimensions....................................................................... 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com