Electronic Components Datasheet Search
  English  ▼

X  

ADRF5424 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF5424
Description  Die-On-Carrier, Silicon SPDT Switch 100 MHz to 60 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5424 Datasheet(HTML) 3 Page - Analog Devices

  ADRF5424 Datasheet HTML 1Page - Analog Devices ADRF5424 Datasheet HTML 2Page - Analog Devices ADRF5424 Datasheet HTML 3Page - Analog Devices ADRF5424 Datasheet HTML 4Page - Analog Devices ADRF5424 Datasheet HTML 5Page - Analog Devices ADRF5424 Datasheet HTML 6Page - Analog Devices ADRF5424 Datasheet HTML 7Page - Analog Devices ADRF5424 Datasheet HTML 8Page - Analog Devices ADRF5424 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Preliminary Technical Data
ADRF5424
Rev. PrD | Page 3 of 12
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 3.3 V, VSS = −3.3 V, VCTRL = 0 V or VDD, and die temperature (TDIE)1 = 25°C for 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
f
100
60,000
MHz
INSERTION LOSS
Between RFC and RF1/RF2 (On)
100 MHz to 18 GHz
0.8
dB
18 GHz to 26 GHz
1.0
dB
26 GHz to 44 GHz
1.2
dB
44 GHz to 55 GHz
1.8
dB
55 GHz to 60 GHz
2.2
dB
RETURN LOSS
RFC and RF1/RF2 (On)
100 MHz to 18 GHz
13
dB
18 GHz to 44 GHz
12
dB
44 GHz to 55 GHz
12
dB
55 GHz to 60 GHz
12
dB
ISOLATION
Between RFC and RF1/RF2 or
100 MHz to 18 GHz
44
dB
Between RF1 and RF2
18 GHz to 44 GHz
35
dB
44 GHz to 55 GHz
35
dB
55 GHz to 60 GHz
30
dB
SWITCHING CHARACTERISTICS
Rise and Fall Time
tRISE, tFALL
10% to 90% of RF output
2
ns
On and Off Time
tON, tOFF
50% VCTRL to 90% of RF output
10
ns
RF Settling Time
0.1 dB
50% VCTRL to 0.1 dB of final RF output
17
ns
0.05 dB
50% VCTRL to 0.05 dB of final RF output
22
ns
INPUT LINEARITY2
200 MHz to 40 GHz
1 dB Power Compression
P1dB
TBD
dBm
Third-Order Intercept
IP3
Two tone input power = 12 dBm each tone,
Δf = 1 MHz
50
dBm
SUPPLY CURRENT
VDD and VSS pads
Positive Supply Current
IDD
14
µA
Negative Supply Current
ISS
120
µA
DIGITAL CONTROL INPUTS
CTRL pad
Voltage
Low
VINL
0
0.8
V
High
VINH
1.2
3.3
V
Current
Low and High
IINL, IINH
<1
µA
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTRL
0
VDD
V
RF Input Power3
PIN
f = 200 MHz to 40 GHz, TDIE 1 = 85°C4
Through Path
RF signal is applied to RFC or through
connected RF1/RF2
27
dBm
Hot Switching
RF signal is present at RFC while switching
between RF1 and RF2
27
dBm
Die Temperature1
TDIE1
-40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com