Electronic Components Datasheet Search
  English  ▼

X  

IMX6SDLIEC Datasheet(PDF) 111 Page - NXP Semiconductors

Part # IMX6SDLIEC
Description  i.MX 6Solo/6DualLite Applications Processors for Industrial Products
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SDLIEC Datasheet(HTML) 111 Page - NXP Semiconductors

Back Button IMX6SDLIEC Datasheet HTML 107Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 108Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 109Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 110Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 111Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 112Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 113Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 114Page - NXP Semiconductors IMX6SDLIEC Datasheet HTML 115Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 161 page
background image
Electrical Characteristics
i.MX 6Solo/6DualLite Applications Processors for Industrial Products, Rev. 9, 11/2018
NXP Semiconductors
111
Figure 79. DATA and FLAG Signal Timing
4.11.14 PCIe PHY Parameters
The PCIe interface complies with PCIe specification Gen2 x1 lane and supports the PCI Express 1.1/2.0
standard.
4.11.14.1 PCIE_REXT Reference Resistor Connection
The impedance calibration process requires connection of reference resistor 200
Ω. 1% precision resistor
on PCIE_REXT pads to ground. It is used for termination impedance calibration.
4.11.15 Pulse Width Modulator (PWM) Timing Parameters
This section describes the electrical information of the PWM. The PWM can be programmed to select one
of three clock signals as its source frequency. The selected clock signal is passed through a prescaler before
being input to the counter. The output is available at the pulse-width modulator output (PWMO) external
pin.
tEageSepTx, min
Minimum allowed separation of signal transitions at transmitter
package pins, including all timing defects, for example, jitter
and skew, inside the transmitter.
400 ns
4.00 ns
2.00 ns
tEageSepRx, min
Minimum separation of signal transitions, measured at the
receiver package pins, including all timing defects, for example,
jitter and skew, inside the receiver.
350 ns
3.5 ns
1.75 ns
Table 68. DATA and FLAG Timing (continued)
Parameter
Description
1 Mbit/s
100 Mbit/s
200 Mbit/s
1 This case shows that the DATA signal has slowed down more compared to the FLAG signal
2 This case shows that the FLAG signal has slowed down more compared to the DATA signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com