Electronic Components Datasheet Search
  English  ▼

X  

MAX20344 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX20344
Description  USB Controllable for I2C Configured Devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20344 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX20344 Datasheet HTML 9Page - Maxim Integrated Products MAX20344 Datasheet HTML 10Page - Maxim Integrated Products MAX20344 Datasheet HTML 11Page - Maxim Integrated Products MAX20344 Datasheet HTML 12Page - Maxim Integrated Products MAX20344 Datasheet HTML 13Page - Maxim Integrated Products MAX20344 Datasheet HTML 14Page - Maxim Integrated Products MAX20344 Datasheet HTML 15Page - Maxim Integrated Products MAX20344 Datasheet HTML 16Page - Maxim Integrated Products MAX20344 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Maxim Integrated │ 13
www.maximintegrated.com
Evaluates: MAX20343/MAX20344
MAX20343 Evaluation Kit
Jumpers
*Default position.
Table 3. Jumper Configurations
#Denotes a RoHS-compliant device that may include lead(Pb)
that is exempt under the RoHS requirements.
Note: Indicate that you are using the MAX20343 when contact-
ing these component suppliers.
JUMPER
SHUNT POSITION
DESCRIPTION
J1
1-2
Connects VIN of the MAX20343 to the Board 3.3V Supply.
2-3*
Connects VIN of the MAX20343 to TP1.
J2
Installed*
Connects VOUT of the MAX20343 to TP3.
Not Installed
VOUT of the MAX20343 disconnected from TP3.
J3
1-2*
Connects SDA of the MAX20343 to the FT2232. If a shunt jumper is also installed in the
1-2 position of J4, the GUI can communicate with the MAX20343.
2-3
Connects EN of the MAX20343 to J6.
J4
1-2*
Connects SCL of the MAX20343 to the FT2232. If a shunt jumper is also installed in the
1-2 position of J3, the GUI can communicate with the MAX20343.
2-3
Connects a 10kΩ pullup resistor from INGOOD to 3.3V.
J5
Installed*
Connects FAST to the output of U2 for GUI FAST control.
Not Installed
FAST not controllable by the GUI.
J6
Installed
Connects pin 3 of J3 to 3.3V.
Not Installed*
Pin 3 of J3 connected to a 10kΩ pulldown resistor to GND.
J7
Installed*
Connects INT to the FT2232. The GUI can read the INT state.
Not Installed
INT
not connected to the FT2232. The GUI cannot read the INT state.
J8
1-2
MAX20343 logic voltage connected to TP14.
2-3*
MAX20343 logic voltage connected to board 3.3V supply.
J9
Installed*
Connects the board 3.3V Supply to U2.
Not Installed
U2 Unpowered
J10
Installed
Connects the Board 3.3V Supply to U3.
Not Installed*
U3 Unpowered
PART
TYPE
MAX20343EVKIT#
EV Kit
SUPPLIER
WEBSITE
Murata Americas
www.murata.com/en-us
Ordering Information
Component Suppliers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com