Electronic Components Datasheet Search
  English  ▼

X  

MAX20344 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX20344
Description  USB Controllable for I2C Configured Devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20344 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX20344 Datasheet HTML 1Page - Maxim Integrated Products MAX20344 Datasheet HTML 2Page - Maxim Integrated Products MAX20344 Datasheet HTML 3Page - Maxim Integrated Products MAX20344 Datasheet HTML 4Page - Maxim Integrated Products MAX20344 Datasheet HTML 5Page - Maxim Integrated Products MAX20344 Datasheet HTML 6Page - Maxim Integrated Products MAX20344 Datasheet HTML 7Page - Maxim Integrated Products MAX20344 Datasheet HTML 8Page - Maxim Integrated Products MAX20344 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX20343/MAX20344
MAX20343 Evaluation Kit
If the EV kit is not connected to the host PC, the connection
status in the bottom right corner reads, “Not Connected.”
When the EV kit is connected to the host PC, but power is
not applied to VIN, the status instead reads, “MAX20343
Not Found.”
When power is supplied to the MAX20343 and the EV kit is
connected to the host PC, the status reads, “Connected.”
At this point, the GUI is successfully communicating with
the EV kit and evaluation can begin.
If the connection status still shows that the device is not
connected or found, but EV kit is connected to the host
PC and power is supplied to VIN, it might be necessary to
manually connect to the EV kit. Under the Device menu,
find and press on the Connect button.
Interacting with the GUI
There are five types of controls in the GUI main page:
Buttons, Radio Buttons, Toggle Switches, Drop Downs,
and Sliders.
Figure 3. Connection Status when EV Kit is Disconnected
Figure 4. Connection Status when the MAX20343 is Not
Powered
Figure 5. Connection Status when the GUI Detects the
MAX20343
Figure 6. Manually Connecting to the Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com