Electronic Components Datasheet Search
  English  ▼

X  

MAX20344 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX20344
Description  USB Controllable for I2C Configured Devices
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20344 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX20344 Datasheet HTML 1Page - Maxim Integrated Products MAX20344 Datasheet HTML 2Page - Maxim Integrated Products MAX20344 Datasheet HTML 3Page - Maxim Integrated Products MAX20344 Datasheet HTML 4Page - Maxim Integrated Products MAX20344 Datasheet HTML 5Page - Maxim Integrated Products MAX20344 Datasheet HTML 6Page - Maxim Integrated Products MAX20344 Datasheet HTML 7Page - Maxim Integrated Products MAX20344 Datasheet HTML 8Page - Maxim Integrated Products MAX20344 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX20343/MAX20344
MAX20343 Evaluation Kit
10) Use the voltmeter to measure VOUT and confirm that
it is 5.5V ± 3%.
To measure the efficiency of the MAX20343:
11) Remove the shunt jumpers from J1 and J2.
12) Connect the first ammeter in series to the input sup-
ply by attaching the input terminal to pin 1 of J1 and
the output terminal to pin 2 of J1.
13) Connect the second ammeter in series to output load
by attaching the input terminal to pin 1 of J2 and the
output terminal to pin 2 of J2.
14) Attach the load to VOUT and measure the input volt-
age, input current, output voltage, and output current.
Detailed Description of Software
The MAX20343 Evaluation Kit Tool is a GUI that provides
a simple and quick way to test different configuration
settings for the I2C-controlled version of the MAX20343.
The GUI contains several tabs to configure different
parameters of the MAX20343 and a register map to
access all registers.
Connecting to the Hardware
When the GUI is first opened, a splash screen appears. The
splash screen displays the GUI software revision and links
to the Maxim Integrated main website and support website.
It can be disabled by checking the box “Disable Splash.”
After the splash screen closes, the main window opens
to the General tab of the GUI. The GUI starts up assum-
ing all configuration bits are set to 0, so the informa-
tion displayed might not match the values stored in the
MAX20343 until the device is read manually or automati-
cally through polling.
Figure 1. Initial Splash Screen
Figure 2. GUI Main Tab on Startup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com