Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC4367
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC4367 Datasheet HTML 2Page - Analog Devices LTC4367 Datasheet HTML 3Page - Analog Devices LTC4367 Datasheet HTML 4Page - Analog Devices LTC4367 Datasheet HTML 5Page - Analog Devices LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices LTC4367 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LTC4249
6
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
EN1, EN2: Enable Inputs. Pulling EN high turns on the
ECB and connects IN to OUT. Pulling EN low turns off the
ECB and disconnects IN from OUT. Toggling EN resets the
ECB when in a latched off condition.
Exposed Pad: Exposed thermal pad. The exposed pad is
internally connected to ground and provides an optimal
path for heat removal. Connect the exposed pad to a PCB
ground plane for enhanced thermal performance.
GND: Device Ground.
IMON1, IMON2: Analog Current Monitor Outputs. A resis-
tor from IMON to GND converts the scaled down output
current to a voltage. The ECB turns off if the voltage on
IMON exceeds 1.20V (primary OC threshold).
In the case of severe overcurrent, the ECB quickly turns
off if the voltage on IMON exceeds 2.4V (fast secondary
OC threshold).
The IMON outputs do not source current when RDY is low.
Connect IMON to ground if unused. Use caution when
grounding IMON because the primary and secondary
OC comparators will not function. However, short-circuit
(OUT < 1.2V) and overtemperature conditions are still
detected and turn off the ECB.
IN1, IN2: ECB Inputs. Both circuit breakers operate inde-
pendently. However, IN1 is used to bias an internal low
voltage bias supply rail. Therefore, IN2 cannot be used
without IN1 ≥ 6V. A special 5V ONLY application is dis-
cussed in the Applications Information section.
A 1µF (or greater) bypass capacitor is recommended. A
low impedance layout should be used between the input
power supply and the IN1, IN2 inputs. Trace inductance
should be kept below 400nH to minimize dissipated
energy after short-circuit events.
INTVCC: Internal Operating Supply. INTVCC is used to bias
internal circuitry. INTVCC is generated by an internal regu-
lator from IN1. A 0.01µF (or greater) bypass capacitor is
recommended.
INTVCC should not be driven or loaded with external
circuitry. However, a special 5V ONLY application is dis-
cussed in the Applications Information section.
OUT1, OUT2: ECB Outputs. When enabled, OUT is con-
nected to IN through a high voltage N-channel MOSFET.
Maximum recommended steady state current is 1.2A per
channel. ECBs may be paralleled for higher current loads.
See Applications Information for more details.
A low impedance layout should be used between the load
and the OUT1, OUT2 outputs. Trace inductance should
be kept below 400nH to minimize dissipated energy after
short-circuit events. Maximum capacitance at OUT is lim-
ited to 100µF.
RDY1, RDY2: Ready Outputs. RDY pulls low when EN
is low or after an ECB fault. After a channel is enabled,
RDY outputs remain low until the current limited operat-
ing phase is complete (10ms nominal). After the current
limited operating phase, RDY outputs release and may
be used to enable subsequent functions. For example,
RF Power Amplifier gate bias may be applied after RDY
is released.
Leave RDY open or connected to ground if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com