Electronic Components Datasheet Search
  English  ▼

X  

LTC4367 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4367
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4367 Datasheet(HTML) 1 Page - Analog Devices

  LTC4367 Datasheet HTML 1Page - Analog Devices LTC4367 Datasheet HTML 2Page - Analog Devices LTC4367 Datasheet HTML 3Page - Analog Devices LTC4367 Datasheet HTML 4Page - Analog Devices LTC4367 Datasheet HTML 5Page - Analog Devices LTC4367 Datasheet HTML 6Page - Analog Devices LTC4367 Datasheet HTML 7Page - Analog Devices LTC4367 Datasheet HTML 8Page - Analog Devices LTC4367 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC4249
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
65V Dual Electronic Circuit
Breaker with Current Monitors
The LTC®4249 dual electronic circuit breaker (ECB) pro-
vides independent overcurrent protection to a pair of
loads. Each channel has a precision enable input, current
monitor output and ready status output. A single resistor
configures the ECB threshold. If either channel detects an
overcurrent condition, the corresponding breaker discon-
nects the input from the load.
After a circuit breaker event, the open-drain RDY status
output pulls low and the ECB latches off. Toggling the
enable input turns the ECB back on after a 1 second cool-
off period. The cool-off timer, overtemperature sensor,
short-circuit detector and inrush controller prevent opera-
tion outside the safe operating area of the circuit breakers.
Precision enable inputs, ready outputs and analog current
monitor outputs permit voltage sequencing and closed
loop bias current control applications. ECB channels may
be paralleled as needed. Load isolation and reverse cur-
rent detection applications are also possible.
Bias Sequenced GaN PA 1A Servo with 1.2A Protection
1A ON/OFF Servo Response
APPLICATIONS
n
High Voltage Dual SPST, Current Sharing Allowed
n
5% Accurate Analog Current Monitor Outputs
n
Adjustable Circuit Breaker Thresholds to 1.2A
n
Filtered (50µs) Primary OC Threshold
n
Fast (2µs) Secondary OC Threshold
n
75mΩ Integrated Switches
n
Automatic Inrush Control
n
Short-Circuit Protection
n
Precision Enable Inputs
n
Open-Drain, Ready Status Outputs
n
16-Lead 3mm × 3mm LQFN and 12-Lead (Skipped
Lead) 3mm × 4mm LQFN
n
5G mMIMO PA Array Protection
n
Industrial Safety
n
Condition Monitoring
n
Relay Replacement
n
Load Switching
All registered trademarks and trademarks are the property of their respective owners.
R3
4.7k
ROFF
100k
Cf
330pF
100
Rg
R1
301k
R2
10k
Rm
10k
28V
10µF
COUT
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
SOME CONNECTIONS
OMITTED FOR CLARITY
5V
–5V
HMC1086
4249 TA01a
GaN PA
PA BIAS SETPOINT
V+
V–
SHDN
LTC6228
OUT
RFOUT
VDD
VGG
RFIN
DAC
200µs/DIV
4249 TA01b
PA VGG
DRIVE
2V/DIV
COMMAND
INPUT
1V/DIV
PA VDD
CURRENT
1A/DIV


Similar Part No. - LTC4367

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4367 LINER-LTC4367 Datasheet
320Kb / 6P
100V Overvoltage, Undervoltage and Reverse Supply Protection Controller
logo
Analog Devices
LTC4367 AD-LTC4367 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC4367 AD-LTC4367 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC4367 AD-LTC4367 Datasheet
2Mb / 24P
Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4367 AD-LTC4367 Datasheet
1Mb / 32P
140V High Efficiency Switching Surge Stopper
More results

Similar Description - LTC4367

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
ELECTRONIC CIRCUIT BREAKER
Oct-1998
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
ELECTRONIC CIRCUIT BREAKER
May-2000
logo
Linear Technology
LTC1153 LINER-LTC1153_15 Datasheet
295Kb / 16P
Auto-Reset Electronic Circuit Breaker
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
Electronic Circuit Breaker
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
Electronic circuit breaker EBU
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
No RSENSE??Electronic Circuit Breaker
12/21-REV.A
logo
PHOENIX CONTACT
103906 PHOENIX-103906 Datasheet
625Kb / 12P
Electronic miniature circuit-breaker
09/2009
102898 PHOENIX-102898 Datasheet
846Kb / 10P
Electronic circuit breaker
2010-12-17
102899 PHOENIX-102899 Datasheet
895Kb / 10P
Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
Electronic circuit breaker
2010-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com