Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC4366
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 5 Page - Analog Devices

  LTC4366 Datasheet HTML 1Page - Analog Devices LTC4366 Datasheet HTML 2Page - Analog Devices LTC4366 Datasheet HTML 3Page - Analog Devices LTC4366 Datasheet HTML 4Page - Analog Devices LTC4366 Datasheet HTML 5Page - Analog Devices LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTC4249
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
IN1 Current vs IN1 Voltage
IN2 Current vs IN2 Voltage
OUT Charging 100µF (IN = 65V)
On-Resistance vs Temperature
IMON Gain and Error
Timing Variation vs Temperature
tCL, tSC, tCOOL
Primary Comparator Response vs
Overdrive
Primary ECB Threshold vs
Temperature
EN Threshold and Pull-Up Current
vs Temperature
IOUT1 = 0
EN1 LOW
EN1 HIGH
VIN1 (V)
0
10
20
30
40
50
60
70
500
600
700
800
900
1000
4249 G01
IOUT2 = 0
EN2 LOW
EN2 HIGH
VIN2 (V)
0
10
20
30
40
50
60
70
0
10
20
30
40
50
4249 G02
tCL
5ms/DIV
EN
5V/DIV
OUT
50V/DIV
RDY
5V/DIV
4249 G03
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
50
75
100
125
150
4249 G04
LOAD CURRENT (A)
0.01
0.1
1
2
90
92
94
96
98
100
102
104
106
108
110
–10
–8
–6
–4
–2
0
2
4
6
8
10
4249 F05
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–20
–15
–10
–5
0
5
10
15
20
4249 G06
ECB TURNS OFF ABOVE CURVE
ECB REMAINS ON BELOW CURVE
PRIMARY COMPARATOR OVERDRIVE (V)
0.01
0.1
1
2
1
10
100
500
4249 G07
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.17
1.18
1.19
1.20
1.21
1.22
1.23
4249 G08
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.78
0.79
0.80
0.81
0.82
4249 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com