Electronic Components Datasheet Search
  English  ▼

X  

LTC4366 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC4366
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4366 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC4366 Datasheet HTML 6Page - Analog Devices LTC4366 Datasheet HTML 7Page - Analog Devices LTC4366 Datasheet HTML 8Page - Analog Devices LTC4366 Datasheet HTML 9Page - Analog Devices LTC4366 Datasheet HTML 10Page - Analog Devices LTC4366 Datasheet HTML 11Page - Analog Devices LTC4366 Datasheet HTML 12Page - Analog Devices LTC4366 Datasheet HTML 13Page - Analog Devices LTC4366 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC4249
10
Rev. 0
For more information www.analog.com
With an internal 0.8V EN threshold, and a desired 10.8V
UV threshold, R1 may be easily determined by specifying
the desired resistive divider load current. Picking 100µA
as a starting point, the relationship for R1 is:
R1=
10.8V −0.8V
100µA
=100kΩ
R2 is determined by dividing the 0.8V EN threshold by the
divider load current:
R2
=
0.8V
100µA
= 8kΩ
The closest standard 1% resistor is 8.06k. The resistor
difference will not cause much error in the UV threshold
(10.73V).
To prevent ECB chattering due to a noisy monitored volt-
age, the 0.8V EN threshold has 35mV falling hysteresis.
The supply referred hysteresis is simply related to the
resistive divider gain:
Falling Hysteresis
= 35mV• 1+
R1
R2
⎛
⎝⎜
⎞
⎠⎟
= 469mV
Therefore, for the application in Figure 2, after the moni-
tored supply rises above 10.73V, the falling UV threshold
drops to 10.26V. If the monitored supply is below the
configured UV threshold the ECB channel is turned off.
Automatic Inrush Control
The LTC4249 is designed to control the inrush current
upon enabling an ECB channel. For the first 10ms, out-
put loads are charged at 1A. Maximum capacitive load is
100µF. At 100µF, the output charges at 10V/ms. When
operating at the maximum input supply of 65V, a 100µF
capacitor charges in 6.5ms, and is safely below the 10ms
charge time. Figure 3 demonstrates output charging at
maximum operating voltage and capacitive load.
OUT Charging 100µF (IN = 65V)
tCL
5ms/DIV
EN
5V/DIV
OUT
50V/DIV
RDY
5V/DIV
4249 F03
Figure 3. Output Charging at Initial Turn-On
Attempting to charge a large capacitance quickly requires
large currents. Without inrush control, the safe operating
area of the ECB would be exceeded. Furthermore, without
inrush control, voltage sag on the input supply could be
severe, causing brown-outs or system resets.
All LTC4249 applications require that the ECB output be
fully charged (VOUT ≈ VIN) within 10ms. After the 10ms
current limited operating phase (tCL), the ECB turns on
fully to its rated 75mΩ on-resistance. At this point, over-
current protection becomes active and the RDY output
is released.
Voltage or Capacitance Start-Up Derating at High
Ambient Temperature
The LTC4249 is designed to prevent operation outside
its Safe Operating Area (SOA). Maximum power dissipa-
tion occurs when starting both ECB channels simulta-
neously. During the inrush portion of operation, with an
ambient temperature above 90°C, junction temperature
may briefly exceed the thermal shutdown threshold above
150°C, depending on input voltage and output capaci-
tance. Exceeding the thermal shutdown threshold causes
the ECBs to safely latch off. Toggling the enable inputs
allows the ECBs to turn back on.
Figure 4 shows the allowable operating time at a given
power dissipation before reaching thermal shutdown.
Operating to the left of the curves prevents thermal shut-
down. After inrush, typical power dissipation drops below
0.5W, which keeps the junction temperature far below
thermal shutdown.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com