Electronic Components Datasheet Search
  English  ▼

X  

MAX16821 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX16821
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX16821 Datasheet HTML 1Page - Maxim Integrated Products MAX16821 Datasheet HTML 2Page - Maxim Integrated Products MAX16821 Datasheet HTML 3Page - Maxim Integrated Products MAX16821 Datasheet HTML 4Page - Maxim Integrated Products MAX16821 Datasheet HTML 5Page - Maxim Integrated Products MAX16821 Datasheet HTML 6Page - Maxim Integrated Products MAX16821 Datasheet HTML 7Page - Maxim Integrated Products MAX16821 Datasheet HTML 8Page - Maxim Integrated Products MAX16821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
General Description
The MAX16821A, MAX16821B, and MAX16821C pulse-
width-modulation (PWM) LED driver controllers provide
high output-current capability in a compact package with a
minimum number of external components. The
MAX16821A–MAX16821C are suitable for use in synchro-
nous and nonsynchronous step-down (buck), boost, buck-
boost, SEPIC, and Cuk LED drivers. A logic input (MODE)
allows the devices to switch between synchronous buck
and boost modes of operation. These devices are the first
high-power drivers designed specifically to accommodate
common-anode HB LEDs.
The ICs offer average current-mode control that enable
the use of MOSFETs with optimal charge and on-
resistance figure of merit, thus minimizing the need for
external heatsinking even when delivering up to 30A of
LED current.
The differential sensing scheme provides accurate control
of the LED current. The ICs operate from a 4.75V to 5.5V
supply range with the internal regulator disabled (VCC
connected to IN). These devices operate from a 7V to 28V
input supply voltage with the internal regulator enabled.
The MAX16821A–MAX16821C feature a clock output
with 180° phase delay to control a second out-of-phase
LED driver to reduce input and output filter capacitor size
and to minimize ripple currents. The wide switching fre-
quency range (125kHz to 1.5MHz) allows the use of small
inductors and capacitors.
Additional features include programmable overvoltage
protection and an output enable function.
Applications
● Front Projectors/Rear-Projection TVs
● Portable and Pocket Projectors
● LCD TVs and Display Backlight
Features
● Up to 30A Output Current
● True-Differential Remote Output Sensing
● Average Current-Mode Control
● 4.75V to 5.5V or 7V to 28V Input Voltage Range
● 0.1V/0.03V LED Current-Sense Options Maximize
Efficiency (MAX16821B/MAX16821C)
● Thermal Shutdown
● Nonlatching Output-Overvoltage Protection
● Low-Side Buck Mode with or without Synchronous
Rectification
● High-Side Buck and Low-Side Boost Mode with or
without Synchronous Rectification
● 125kHz to 1.5MHz Programmable/Synchronizable
Switching Frequency
● Integrated 4A Gate Drivers
● Clock Output for 180° Out-of-Phase Operation for
Second Driver
● -40°C to +125°C Operating Temperature Range
Typical Operating Circuit and Selector Guide appears at
end of data sheet.
+Denotes lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
PART
TEMP RANGE
PIN-PACKAGE
MAX16821AATI+
-40°C to +125°C
28 TQFN-EP*
MAX16821BATI+
-40°C to +125°C
28 TQFN-EP*
MAX16821CATI+
-40°C to +125°C
28 TQFN-EP*
Q1
HIGH-FREQUENCY
PULSE TRAIN
C2
Q3
L1
R1
VLED
C1
7V TO 28V
CSP
DL
DH
PGND
EN
IN
I.C.
OVI
CLP
Q2
MAX16821
MAX16821A/MAX16821B/
MAX16821C
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
19-0881; Rev 4; 4/18
Click
here for production status of specific part numbers.
Not Recommended for New Designs.
Refer to MAX20078 for New Designs.
Simplified Diagram
Ordering Information
EVALUATION KIT AVAILABLE


Similar Part No. - MAX16821

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821A MAXIM-MAX16821A Datasheet
288Kb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821A MAXIM-MAX16821A Datasheet
301Kb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
MAX16821AATI+ MAXIM-MAX16821AATI+ Datasheet
368Kb / 25P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16821AATI+ MAXIM-MAX16821AATI+ Datasheet
288Kb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
More results

Similar Description - MAX16821

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2725 NSC-LM2725 Datasheet
159Kb / 9P
High Speed Synchronous MOSFET Drivers
logo
Maxim Integrated Produc...
MAX16818 MAXIM-MAX16818 Datasheet
917Kb / 26P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 0; 10/06
MAX16821A MAXIM-MAX16821A Datasheet
368Kb / 25P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 0; 7/07
MAX16818 MAXIM-MAX16818_09 Datasheet
294Kb / 25P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 2; 3/09
MAX16821A MAXIM-MAX16821A_09 Datasheet
288Kb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 1; 3/09
MAX16821A MAXIM-MAX16821A_10 Datasheet
301Kb / 24P
High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
Rev 2; 1/10
logo
Power Analog Micoelectr...
PAM2808 PAM-PAM2808 Datasheet
165Kb / 8P
5W High Power HBLED Driver
logo
Maxim Integrated Produc...
MAX16818 MAXIM-MAX16818_15 Datasheet
1Mb / 25P
1.5MHz, 30A High-Efficiency, LED Driver with Rapid LED Current Pulsing
Rev 4; 5/15
logo
Diodes Incorporated
PAM2808 DIODES-PAM2808 Datasheet
494Kb / 8P
5W HIGH POWER HBLED DRIVER
Rev 2
logo
Alpha & Omega Semicondu...
AOZ1363DI AOSMD-AOZ1363DI Datasheet
1Mb / 13P
16V High Current Load Switch with Rapid Turn-Off and Current Monitoring Protection
Rev. 1.0 July 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com