Electronic Components Datasheet Search
  English  ▼

X  

MAX16821 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX16821
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX16821 Datasheet HTML 1Page - Maxim Integrated Products MAX16821 Datasheet HTML 2Page - Maxim Integrated Products MAX16821 Datasheet HTML 3Page - Maxim Integrated Products MAX16821 Datasheet HTML 4Page - Maxim Integrated Products MAX16821 Datasheet HTML 5Page - Maxim Integrated Products MAX16821 Datasheet HTML 6Page - Maxim Integrated Products MAX16821 Datasheet HTML 7Page - Maxim Integrated Products MAX16821 Datasheet HTML 8Page - Maxim Integrated Products MAX16821 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
(VCC = 5V, VDD = VCC, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR
Switching Frequency Range
125
1500
kHz
Switching Frequency
fSW
RT = 500kΩ
120
125
130
kHz
RT = 120kΩ
495
521
547
RT = 39.9kΩ
1515
1620
1725
Switching Frequency Accuracy
120kΩ < RT ≤ 500kΩ
-5
+5
%
40kΩ ≤ RT ≤ 120kΩ
-8
+8
CLKOUT Phase Shift with
Respect to DH (Rising Edges)
fSW = 125kHz, MODE connected
to SGND
180
degrees
CLKOUT Phase Shift with
Respect to DL (Rising Edges)
fSW = 125kHz, MODE connected
to VCC
180
CLKOUT Output-Voltage Low
VOL
ISINK = 2mA
0.4
V
CLKOUT Output-Voltage High
VOH
ISOURCE = 2mA
4.5
V
SYNC Input High Pulse Width
tSYNC
200
ns
SYNC Input Clock High
Threshold
VSYNCH
2
V
SYNC Input Clock Low
Threshold
VSYNCL
0.4
V
SYNC Pullup Current
ISYNC_
OUT
VRT/SYNC = 0V
250
500
µA
SYNC Power-Off Level
VSYNC_
OFF
0.4
V
INDUCTOR CURRENT LIMIT
Average Current-Limit Threshold
VCL
CSP to CSN
26.4
27.5
33.0
mV
Reverse Current-Limit Threshold
VCLR
CSP to CSN
-2.0
mV
Cycle-by-Cycle Current Limit
CSP to CSN
60
mV
Cycle-by-Cycle Overload
VCSP to VCSN = 75mV
260
ns
CURRENT-SENSE AMPLIFIER
CSP to CSN Input Resistance
RCS
4
kΩ
Common-Mode Range
VCMR(CS) VIN = 7V to 28V
0
5.5
V
Input Offset Voltage
VOS(CS)
0.1
mV
Amplifier Voltage Gain
AV(CS)
34.5
V/V
3dB Bandwidth
f3dB
4
MHz
CURRENT-ERROR AMPLIFIER (TRANSCONDUCTANCE AMPLIFIER)
Transconductance
gm
550
µS
Open-Loop Gain
AVL(CE)
50
dB
MAX16821A/MAX16821B/
MAX16821C
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com