Electronic Components Datasheet Search
  English  ▼

X  

MAX16821 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX16821
Description  High-Power Synchronous HBLED Drivers with Rapid Current Pulsing
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16821 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX16821 Datasheet HTML 6Page - Maxim Integrated Products MAX16821 Datasheet HTML 7Page - Maxim Integrated Products MAX16821 Datasheet HTML 8Page - Maxim Integrated Products MAX16821 Datasheet HTML 9Page - Maxim Integrated Products MAX16821 Datasheet HTML 10Page - Maxim Integrated Products MAX16821 Datasheet HTML 11Page - Maxim Integrated Products MAX16821 Datasheet HTML 12Page - Maxim Integrated Products MAX16821 Datasheet HTML 13Page - Maxim Integrated Products MAX16821 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Once the MAX16821A–MAX16821C are synchronized to
an external clock, the external clock cannot be removed if
reliable operation is to be maintained.
Control Loop
The MAX16821A–MAX16821C use an average current-
mode control scheme to regulate the output current
(Figure 2). The main control loop consists of an inner
current regulation loop for controlling the inductor current
and an outer current regulation loop for regulating the
LED current. The inner current regulation loop absorbs
the double pole of the inductor and output capacitor com-
bination reducing the order of the outer current regulation
loop to that of a single-pole system. The inner current
regulation loop consists of a current-sense resistor (RS),
a current-sense amplifier (CSA), a current-error amplifier
(CEA), an oscillator providing the carrier ramp, and a
PWM comparator (CPWM) (Figure 2). The MAX16821A–
MAX16821C outer LED-current control loop consists of
a differential amplifier (DIFF), a reference voltage, and a
voltage-error amplifier (VEA).
Inductor Current-Sense Amplifier
The differential current-sense amplifier (CSA) provides
a 34.5V/V DC gain. The typical input offset voltage of
the current-sense amplifier is 0.1mV with a 0 to 5.5V
common-mode voltage range (VIN = 7V to 28V). The cur-
rent-sense amplifier senses the voltage across RS. The
maximum common-mode voltage is 3.2V when VIN = 5V.
Inductor Peak-Current Comparator
The peak-current comparator provides a path for fast
cycle-by-cycle current limit during extreme fault condi-
tions, such as an inductor malfunction (Figure 3). Note the
average current-limit threshold of 27.5mV still limits the
output current during short-circuit conditions. To prevent
inductor saturation, select an inductor with a saturation
current specification greater than the average current limit.
The 60mV threshold for triggering the peak-current limit is
twice the full-scale average current-limit voltage threshold.
The peak-current comparator has only a 260ns delay.
Current-Error Amplifier
The MAX16821A–MAX16821C include a transconduc-
tance current-error amplifier with a typical gm of 550µS
and 320µA output sink and source capability. The current-
Figure 2. MAX16821A
–MAX16821C Control Loop
CF
L
RIN
DIFF
SENSE+
SENSE-
EAN
EAOUT
CSN
CSP
CLP
RF
CCZ
CCP
RCF
RS
RLS
LED
STRING
COUT
DIFF
VREF
VEA
CEA
CPWM
CA
DRIVER
MODE = SGND
VIN
MAX16821A/MAX16821B/
MAX16821C
High-Power Synchronous HBLED
Drivers with Rapid Current Pulsing
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com