Electronic Components Datasheet Search
  English  ▼

X  

MPC7457 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC7457
Description  MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7457 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC7457 Datasheet HTML 2Page - NXP Semiconductors MPC7457 Datasheet HTML 3Page - NXP Semiconductors MPC7457 Datasheet HTML 4Page - NXP Semiconductors MPC7457 Datasheet HTML 5Page - NXP Semiconductors MPC7457 Datasheet HTML 6Page - NXP Semiconductors MPC7457 Datasheet HTML 7Page - NXP Semiconductors MPC7457 Datasheet HTML 8Page - NXP Semiconductors MPC7457 Datasheet HTML 9Page - NXP Semiconductors MPC7457 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series, Rev. 3
6
Freescale Semiconductor
Ordering Information
5.2.3 L3 Clock AC Specifications
The MPC7457 devices described by this part number specification conform to the L3 clock AC timing specifications
provided in the MPC7457 RISC Microprocessor Hardware Specifications. Refer to the hardware specifications for
additional information.
5.2.4 L3 Bus AC Specifications
The MPC7457 devices described by this part number specification conform to the L3 clock AC timing specifications
provided in the MPC7457 RISC Microprocessor Hardware Specifications. Refer to the hardware specifications for
additional information.
11 Ordering Information
11.1 Part Numbers Addressed by This Specification
Table 22 provides the ordering information for the MPC7457 parts described in this document.
Table 22. Part Marking Nomenclature
xxx
74
n7RX
nnnn
N
x
Product
Code
Part
Identifier
Package
Processor
Frequency 1
Application Modifier
Revision Level
MC
7447
RX = CBGA
1000
N: 1.1 V ± 50 mV
0
° to 105°C
B: 1.1:PVR = 8002 0101
867
733
600
7457
1000
C: 1.2:PVR = 8002 0102
867
733
600
Note:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other
specifications may support other maximum core frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com