Electronic Components Datasheet Search
  English  ▼

X  

MAX11068 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11068
Description  12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11068 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11068 Datasheet HTML 1Page - Maxim Integrated Products MAX11068 Datasheet HTML 2Page - Maxim Integrated Products MAX11068 Datasheet HTML 3Page - Maxim Integrated Products MAX11068 Datasheet HTML 4Page - Maxim Integrated Products MAX11068 Datasheet HTML 5Page - Maxim Integrated Products MAX11068 Datasheet HTML 6Page - Maxim Integrated Products MAX11068 Datasheet HTML 7Page - Maxim Integrated Products MAX11068 Datasheet HTML 8Page - Maxim Integrated Products MAX11068 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
AVAILABLE
EVALUATION KIT AVAILABLE
Functional Diagrams
Pin Configurations appear at end of data sheet.
Functional Diagrams continued at end of data sheet.
UCSP is a trademark of Maxim Integrated Products, Inc.
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maximintegrated.com.
12-Channel, High-Voltage Sensor, Smart
Data-Acquisition Interface
General Description
The MAX11068 is a programmable, highly integrated,
high-voltage, 12-channel, battery-monitoring smart data-
acquisition interface. It is optimized for use with batter-
ies used in automotive systems, hybrid electric battery
packs, electric cars, and any system that stacks long
series strings of secondary metal batteries. This highly
integrated battery sensor incorporates a simple state
machine and a high-speed I2C bus for SMBusK-laddered
serial communication.
The MAX11068 analog front-end combines a 12-channel
voltage measurement data-acquisition system with a high-
voltage switch bank input. All measurements are done
differentially across each cell. The full-scale measurement
range is from 0 to 5.0V, with full stated accuracy guaran-
teed from 0.5V to 4.7V. The input mux/switch bank allows
for differential measurement of each cell in a series stack.
A high-speed, 12-bit successive approximation (SAR) A/D
converter is used to digitize the cell voltages. All 12 cells
can be measured in less than 107Fs. The MAX11068 uses
a two-scan approach for collecting cell measurements
and correcting them for errors. The first phase of the scan
is the acquisition phase where the voltages of all 12 cells
are acquired. The second phase is the error-cancellation
phase where the ADC input is chopped to remove errors.
This two-phase approach yields excellent accuracy over
temperature and in the face of extreme noise in the sys-
tem. The MAX11068 incorporates an internal oscillator that
generates a 6.0MHz system clock with Q3.0% accuracy.
The MAX11068 consumes less than 2.0mA from the power
supply while in data-acquisition modes. This current is
reduced to 75FA in standby mode and less than 1FA in
shutdown mode. The device is packaged in a 38-pin,
9.7mm x 4.4mm x 1.0mm TSSOP package that is lead free
and RoHS compliant and is designed to operate over the
AEC-Q100 Grade 2, -40NC to +105NC temperature range.
Applications
High-Voltage, Multicell Series-Stacked-Battery
Systems
Electric and Hybrid Electric Vehicle (HEV)
Battery Packs
Electric Bikes
High-Power Battery Backup Systems
SuperCap Backup Systems
Power Tools
Features
S
12-Cell Battery Voltage Measurement with
Temperature Monitoring
Up to 12 Lithium-Ion (Li+), NiMH, or Super-Cap
Cells
Two Auxiliary Analog Inputs for Temperature
Measurement
S
High-Accuracy I/Os
Excellent ±0.25% Voltage-Measurement
Accuracy
≤ 5mV Offset Voltage
S
Integrated 12-Channel Data-Acquisition System
12-Channel High-Voltage Mux to ADC
Differential Cell-Voltage Measurement
12-Bit Precision, High-Speed SAR ADC
12 Cell Voltages Measured Within 107µs
S
Battery-Fault Detection
Overvoltage and Undervoltage Digital Threshold
Detection
Cell Sense Line Open-Circuit Detection
High/Low Temperature Digital Threshold
Detection
S
12 Integrated Cell-Equalization Switches
Support Up to 200mA
S
Integrated 6V to 70V Input Linear Regulator
S
Integrated 25ppm/NC, 2.5V Precision Reference
S
Integrated Level-Shifted, I2C-Compliant SMBus
Ladder Interface
Supports Multiple Devices, Up to 31 SMBus-
Ladder-Connected ICs
Communications Protocol with Autoaddressing
Fault-Tolerant Hardware Handshake and Data
CRC Checking
S
Three General-Purpose Digital I/O Lines
S
Ultra-Low Power Dissipation
Standby Mode Quiescent Current Drain 75µA
Shutdown Mode Leakage Current 1µA
S
Operating Temperature Range from -40NC to
+105NC (AEC-Q100 Grade 2)
S
38-Pin, Lead-Free/RoHS-Compliant TSSOP
Package (9.7mm x 4.4mm)
Ordering Information
+Denotes a lead(Pb)-free/RoHS-compliant package.
/V Denotes an automotive qualified part.
SMBus is a trademark of Intel Corp.
PART
TEMP RANGE
PIN-PACKAGE
MAX11068GUU+
-40NC to +105NC 38 TSSOP
MAX11068GUU/V+
-40NC to +105NC 38 TSSOP
MAX11068
19-5192; Rev 0; 6/10


Similar Part No. - MAX11068

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1106 MAXIM-MAX1106 Datasheet
205Kb / 16P
Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1432; Rev 0; 3/99
MAX1106-MAX1107 MAXIM-MAX1106-MAX1107 Datasheet
205Kb / 16P
Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1432; Rev 0; 3/99
MAX11060GUU MAXIM-MAX11060GUU Datasheet
505Kb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADCs
Rev 1; 4/11
MAX11060GUU+ MAXIM-MAX11060GUU+ Datasheet
2Mb / 35P
24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX1106CUB MAXIM-MAX1106CUB Datasheet
205Kb / 16P
Single-Supply, Low-Power, Serial 8-Bit ADCs
19-1432; Rev 0; 3/99
More results

Similar Description - MAX11068

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Semtech Corporation
SX8722 SEMTECH-SX8722 Datasheet
813Kb / 108P
High gain acquisition for sensor interface
logo
API Technologies Corp
HS9410 APITECH-HS9410 Datasheet
2Mb / 3P
8 Channel, 12 Bit Data Acquisition System With 關P Interface
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
8-Channel, 12-Bit High Speed Data Acquisition System
23-Feb-2017
logo
Maxim Integrated Produc...
MAX17823B MAXIM-MAX17823B Datasheet
1Mb / 121P
12-Channel High-Voltage Data Acquisition System
Rev 5; 9/19
MAX17843 MAXIM-MAX17843 Datasheet
2Mb / 131P
12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
Rev 2; 4/18
MAX17853 MAXIM-MAX17853 Datasheet
3Mb / 315P
14-Channel High-Voltage Data-Acquisition System
Rev 5; 5/20
MAX17823H MAXIM-MAX17823H Datasheet
1Mb / 129P
12-Channel, High-Voltage Data-Acquisition Systems
19-100391; Rev 0; 8/18
logo
Analog Devices
ADES1754 AD-ADES1754 Datasheet
3Mb / 322P
14-Channel, High-Voltage Data- Acquisition Systems
19-101802; Rev 0; 11/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com