Electronic Components Datasheet Search
  English  ▼

X  

MAX11068 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11068
Description  12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11068 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11068 Datasheet HTML 1Page - Maxim Integrated Products MAX11068 Datasheet HTML 2Page - Maxim Integrated Products MAX11068 Datasheet HTML 3Page - Maxim Integrated Products MAX11068 Datasheet HTML 4Page - Maxim Integrated Products MAX11068 Datasheet HTML 5Page - Maxim Integrated Products MAX11068 Datasheet HTML 6Page - Maxim Integrated Products MAX11068 Datasheet HTML 7Page - Maxim Integrated Products MAX11068 Datasheet HTML 8Page - Maxim Integrated Products MAX11068 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 82 page
background image
12-Channel, High-Voltage Sensor, Smart
Data-Acquisition Interface
ELECTRICAL CHARACTERISTICS (continued)
(TA = TMIN to TMAX, unless otherwise noted. VGNDU = VDCIN = 18V to +60V, typical values are at TA = +25NC, unless otherwise
specified from -40NC to +105NC per the application circuit in Figure 4.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Nonlinearity
DNL
No missing codes at 12 bits
Q
1.0
LSB
Channel Offset Error
CELLVOS
Cells 1 through 12
-5
+5
mV
Channel Gain Error
CELLAV
Cells 1 through 12
-1.0
+1.0
%
Cell-Balancing Switch Resistance
RSWITCH from C(N) to C(N+1) when
enabled
1.5
6
20
I
AUXIN1, AUXIN2 INPUTS
Absolute Differential Input Range
VAUXINXIN
AUXIN1, AUXIN2 to AGND; ADC REF =
THRM
0
VTHRM
V
Common-Mode Input-Voltage
Range
Inputs AUXIN1/2 referred to AGND
0
VTHRM
V
Input-Leakage Current
IAUXIN
ADC off; input voltage = 3.3V
-1.0
+1.0
F
A
ADC Resolution
12
Bits
Conversion Time
tS
10
F
s/
AUX_
Input
Accuracy
TA = +25NC
-0.5
+0.5
%
-40NC < TA < +105NC
-1.0
+1.0
Differential Nonlinearity
DNL
No missing codes at 12 bits
Q
1.0
LSB
Offset Error
AUXVOS
AUXIN1, AUXIN2
-8
+8
mV
Gain Error
AUXAV
AUXIN1, AUXIN2
-1.0
+1.0
%
THRM Switch Resistance
RTHRM
THRM to VAA (Note 3)
5
18
28
I
VOLTAGE REFERENCE
Output REF Voltage
REFVOUT
TA = +25NC
2.45
2.50
2.55
V
REF Output Short-Circuit Current
IREF-SC
Q
12.5
mA
Temperature Coefficient
D
REF/
D
TEMP
Q
25
ppm/NC
Initial Drift
Change after
1000hr burn-in
120
ppm
LOGIC INPUTS AND OUTPUTS (GPIO AND SHDN)
SHDN Voltage High
1.8
V
SHDN Voltage Low
0.5
V
SHDN Input Leakage Current
VSHDN = 3.4V
1
F
A
VSHDN = 30V
5.15
18
VSHDN = 56V
12.6
45
GPIO Input Voltage Low
0.8
V
GPIO Input Voltage High
2.4
V
I/O Leakage Current
I/O pins programmed to high impedance
-1
+2
+6.2
F
A
GPIO Output Voltage Low
ISINK = 3mA
0.4
V
GPIO Output Voltage High
ISOURCE = 3mA
VDDL -
0.5
V
MAX11068
Maxim Integrated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com