Electronic Components Datasheet Search
  English  ▼

X  

MAX11068 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX11068
Description  12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11068 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX11068 Datasheet HTML 35Page - Maxim Integrated Products MAX11068 Datasheet HTML 36Page - Maxim Integrated Products MAX11068 Datasheet HTML 37Page - Maxim Integrated Products MAX11068 Datasheet HTML 38Page - Maxim Integrated Products MAX11068 Datasheet HTML 39Page - Maxim Integrated Products MAX11068 Datasheet HTML 40Page - Maxim Integrated Products MAX11068 Datasheet HTML 41Page - Maxim Integrated Products MAX11068 Datasheet HTML 42Page - Maxim Integrated Products MAX11068 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
12-Channel, High-Voltage Sensor, Smart
Data-Acquisition Interface
Table 9. ALRTOVCELL—Per-Cell Overvoltage Alert Register Description (Address
0x04)
Table 10. ALRTUVCELL—Per-Cell Undervoltage Alert Register Description (Address
0x05)
BIT
NAME
FUNCTION
D15
0
Write ignored; read back 0.
D14
0
D13
0
D12
0
D11
ALRTOV12
Alert Cell Overvoltage Fault:
ALRTOV[N] bits are set when the corresponding cell is overvoltage. All voltage alerts are
automatically cleared when the alert condition disappears.
D10
ALRTOV11
D9
ALRTOV10
D8
ALRTOV9
D7
ALRTOV8
D6
ALRTOV7
D5
ALRTOV6
D4
ALRTOV5
D3
ALRTOV4
D2
ALRTOV3
D1
ALRTOV2
D0
ALRTOV1
BIT
NAME
FUNCTION
D15
0
Write ignored; read back 0.
D14
0
D13
0
D12
0
D11
ALRTUV12
Alert Cell Undervoltage Fault:
ALRTUV[N] bits are set when the corresponding cell is undervoltage. All voltage alerts are
automatically cleared when the alert condition disappears.
D10
ALRTUV11
D9
ALRTUV10
D8
ALRTUV9
D7
ALRTUV8
D6
ALRTUV7
D5
ALRTUV6
D4
ALRTUV5
D3
ALRTUV4
D2
ALRTUV3
D1
ALRTUV2
D0
ALRTUV1
MAX11068
Maxim Integrated
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com