Electronic Components Datasheet Search
  English  ▼

X  

ICS671-15 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS671-15
Description  ZERO DELAY, LOW SKEW BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS671-15 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS671-15 Datasheet HTML 1Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 2Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 3Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 4Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 5Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZERO DELAY, LOW SKEW BUFFER
MDS 671-15 B
2
Revision 021904
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS671-15
Pin Assignment
Pin Descriptions
20
1
19
2
18
33M_IN
66M_IN
3
17
VDD
4
16
OE5
OE6
5
15
GND
6
VDD
7
66M_CPUOUT1
8
GND
VDD
GND
VDD
OE4
9
10
OE3
OE1
GND
24
23
22
21
24-pin (173 mil) TSSOP
14
13
11
12
OE2
66M_CPUOUT2
33M_PCIOUT4
33M_PCIOUT3
33M_PCIOUT2
33M_PCIOUT1
66M_AGPOUT1
66M_AGPOUT2
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
33M_IN
Input
Connect this pin to a 33 MHz input clock.
2
VDD
Power
Connect to +3.3 V.
3
OE5
Input
Output Enable control pin for outputs 66M_CPUOUT2. This pin is active
high and tri-states the outputs when low.
4
GND
Power
Connect to ground.
5
66M_CPUOUT1
Output
66 MHz output clock.
6
66M_CPUOUT2
Output
66 MHz output clock.
7
VDD
Power
Connect to +3.3 V.
8
VDD
Power
Connect to +3.3 V.
9
OE3
Input
Output Enable control pin for output 33M_PCIOUT4. This pin is active
high and tri-states the outputs when low.
10
33M_PCIOUT4
Output
33 MHz output clock.
11
33M_PCIOUT3
Output
33 MHz output clock.
12
OE2
Input
Output Enable control pin for output 33M_PCIOUT3. This pin is active
high and tri-states the outputs when low.
13
33M_PCIOUT2
Output
33 MHz output clock.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com