Electronic Components Datasheet Search
  English  ▼

X  

ICS671-15 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS671-15
Description  ZERO DELAY, LOW SKEW BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS671-15 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS671-15 Datasheet HTML 1Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 2Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 3Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 4Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 5Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ICS671-15
MDS 671-15 B
1
Revision 021904
Integrat ed Circuit Systems ● 525 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
ZERO DELAY, LOW SKEW BUFFER
Description
The ICS671-15 is a low-jitter, low-skew,
high-performance zero delay buffer (ZDB) for
high-speed applications. The device is designed using
ICS’ proprietary low-jitter PLL (Phase-Locked Loop)
techniques. The ICS671-15 includes a ZDB bank of
four outputs running at 33 MHz, and two outputs at 66
MHz from the CPU PLL. This device also provides two
66 MHz zero delay clocks derived from the AGP PLL. In
the zero delay mode, the rising edge of the input clock
is aligned with the rising edges of the feedback clock.
The ICS671-15 provides feedback clocks internally for
the CPU PLL and the AGP PLL, and with the lowest
jitter.
Features
• Packaged in 24-pin TSSOP
• Input-output delay (±300 ps)
• Two ZDB 66 MHz outputs from a 66 MHz input AGP
clock
• Two ZDB 66 MHz outputs, plus four 33 MHz outputs
from a 33 MHz input CPU clock
• Output-to-output skew is less than 250 ps
• Full CMOS outputs with 18 mA output drive
capability at TTL levels (at 3.3 V)
• Spread SmartTM technology works with spread
spectrum clock generators
• Advanced, low-power, sub-micron CMOS process
• Operating voltage of 3.3 V
• Separate hardware output enable pins: OE1, OE2,
OE3, OE4, OE5 and OE6
Block Diagram
66M_AGPOUT2
AGP PLL
66M_IN
/2
VDD
4
GND
4
CPU PLL
33M_IN
OE4
OE1
OE5
OE6
OE2
OE3
66M_AGPOUT1
66M_CPUOUT1
66M_CPUOUT2
33M_PCIOUT1
33M_PCIOUT2
33M_PCIOUT3
33M_PCIOUT4


Similar Part No. - ICS671-15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS671-01 ICST-ICS671-01 Datasheet
42Kb / 4P
Zero Delay, Low Skew Buffer and Multipler
Revision 051700
logo
Renesas Technology Corp
ICS671-01 RENESAS-ICS671-01 Datasheet
338Kb / 7P
ZERO DELAY LOW SKEW BUFFER AND MULTIPLIER
051310
logo
Integrated Circuit Syst...
ICS671-03 ICST-ICS671-03 Datasheet
51Kb / 4P
3.3 Volt Zero Delay, Low Skew Buffer
logo
Renesas Technology Corp
ICS671-03 RENESAS-ICS671-03 Datasheet
356Kb / 10P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
051310
logo
Integrated Circuit Syst...
ICS671-06 ICST-ICS671-06 Datasheet
176Kb / 6P
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
More results

Similar Description - ICS671-15

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
MK2308-2 RENESAS-MK2308-2 Datasheet
333Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com