Electronic Components Datasheet Search
  English  ▼

X  

ICS671-15 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS671-15
Description  ZERO DELAY, LOW SKEW BUFFER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS671-15 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS671-15 Datasheet HTML 1Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 2Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 3Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 4Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 5Page - Integrated Circuit Systems ICS671-15 Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZERO DELAY, LOW SKEW BUFFER
MDS 671-15 B
3
Revision 021904
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS671-15
External Components
The ICS671-15 requires a minimum number of external components for proper operation. Decoupling
capacitors of 0.1
µF should be connected between VDD and GND, as close to the part as possible. A 33 Ω
series terminating resistor should be used on each clock output to reduce reflections.
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the ICS671-15. These ratings,
which are standard values for ICS commercially rated parts, are stress ratings only. Functional operation of
the device at these or any other conditions above those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods can
affect product reliability. Electrical parameters are guaranteed only over the recommended operating
temperature range.
14
33M_PCIOUT1
Output
33 MHz output clock.
15
GND
Power
Connect to ground.
16
OE1
Input
Output Enable control pin for output 33M_PCIOUT1 and
33M_PCIOUT2. This pin is active high and tri-states the outputs when
low.
17
OE4
Input
Output Enable control pin for outputs 66M_CPUOUT1. This pin is active
high and tri-states the outputs when low.
18
GND
Power
Connect to ground.
19
GND
Power
Connect to ground.
20
66M_AGPOUT1
Output
66 MHz output clock.
21
66M_AGPOUT2
Output
66 MHz output clock.
22
VDD
Power
Connect to +3.3 V.
23
OE6
Input
Output Enable control pin for outputs 66M_AGPOUT1 and
66M_AGPOUT2. This pin is active high and tri-states the outputs when
low.
24
66M_IN
Input
COnnect this pin to a 66 MHz input clock.
Pin
Number
Pin
Name
Pin
Type
Pin Description
Item
Rating
Supply Voltage, VDD
7 V
All Inputs and Outputs
-0.5 V to VDD+0.5 V
Ambient Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
Junction Temperature
125
°C
Soldering Temperature
260
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com