Electronic Components Datasheet Search
  English  ▼

X  

ICS810-06 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS810-06
Description  VCXO-TO-6 LVCMOS OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS810-06 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS810-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 7Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 8Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 9Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 10Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 11Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 12Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 13Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
81006AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 4, 2006
10
Integrated
Circuit
Systems, Inc.
ICS81006
VCXO-TO-6 LVCMOS OUTPUTS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
W
O
L
_
V
e
c
n
a
t
i
c
a
p
a
C
r
o
t
c
a
r
a
V
w
o
LV
C
V
0
=4
.
5
1F
p
C
H
G
I
H
_
V
e
c
n
a
t
i
c
a
p
a
C
r
o
t
c
a
r
a
V
h
g
i
HV
C
V
3
.
3
=6
.
9
2F
p
TABLE 6. VARACTOR PARAMETERS
FORMULAS
(
) (
)
() (
)
Low
V
S
L
Low
V
S
L
Low
V
S
L
Low
V
S
L
Low
C
C
C
C
C
C
C
C
C
C
C
C
C
_
2
2
_
1
1
_
2
2
_
1
1
+
+
+
+
+
+
+
⋅
+
+
=
(
) (
)
() (
)
High
V
S
L
High
V
S
L
High
V
S
L
High
V
S
L
High
C
C
C
C
C
C
C
C
C
C
C
C
C
_
2
2
_
1
1
_
2
2
_
1
1
+
+
+
+
+
+
+
⋅
+
+
=
6
0
1
0
0
1
0
10
1
2
1
1
2
1
)
(
⋅
⎟
⎟
⎟
⎟
⎠
⎞
⎜
⎜
⎜
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛ +
⋅
⋅
−
⎟
⎠
⎞
⎜
⎝
⎛ +
⋅
⋅
=
C
C
C
C
C
C
C
C
TPR
Range
Pull
Total
High
Low
•C
Low is the effective capacitance due to the low varactor capacitance, load capacitance and stray capacitance.
C
Low determines the high frequency component on the TPR.
•C
High is the effective capacitance due to the high varactor capacitance, load capacitance and stray capacitance.
C
High determines the low frequency component on the TPR.
Absolute Pull Range (APR) = Total Pull Range – (Frequency Tolerance + Frequency Stability + Aging)
EXAMPLE CALCULATIONS
Using the tables and figures above, we can now calculate the
TPR and APR of the VCXO using the example crystal
parameters. For the numerical example below there were some
assumptions made. First, the stray capacitance (C
S1, CS2), which
is all the excess capacitance due to board parasitic, is 4pF.
Second, the expected lifetime of the project is 5 years; hence
the inaccuracy due to aging is ±15ppm. Third, though many
boards will not require load tuning capacitors (C
L1, CL2), it is
recommended for long-term consistent performance of the
system that two tuning capacitor pads be placed into every
design. Typical values for the load tuning capacitors will range
from 0 to 4pF.
() ()
() ()
pf
pf
pf
pf
pf
pf
pf
pf
pf
C
Low
7
.
9
4
.
15
4
0
4
.
15
4
0
4
.
15
4
0
4
.
15
4
0
=
+
+
+
+
+
+
+
⋅
+
+
=
() ()
() (
)
pf
pf
pf
pf
pf
pf
pf
pf
pf
C
High
8
.
16
6
.
29
4
0
6
.
29
4
0
6
.
29
4
0
6
.
29
4
0
=
+
+
+
+
+
+
+
⋅
+
+
=
ppm
pF
pF
pF
pF
TPR
5
.
226
10
4
8
.
16
1
220
2
1
4
7
.
9
1
220
2
1
6
=
⋅
⋅
⎟⎟
⎟
⎟
⎠
⎞
⎜⎜
⎜
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛ +
⋅
⋅
−
⎟
⎠
⎞
⎜
⎝
⎛ +
⋅
⋅
=
TPR = ±113.25ppm
APR = 113.25ppm – (20ppm + 20ppm + 15ppm) = ±58.25ppm
The example above will ensure a total pull range of
±113.25 ppm with an APR of ±58.25ppm. Many times, board
designers may select their own crystal based on their
application. If the application requires a tighter APR, a crystal
with better pullability (C0/C1 ratio) can be used. Also, with the
equations above, one can vary the frequency tolerance,
temperature stability, and aging or shunt capacitance to achieve
the required pullability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com