Electronic Components Datasheet Search
  English  ▼

X  

ICS810-06 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICS810-06
Description  VCXO-TO-6 LVCMOS OUTPUTS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS810-06 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICS810-06 Datasheet HTML 6Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 7Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 8Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 9Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 10Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 11Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 12Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 13Page - Integrated Circuit Systems ICS810-06 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
81006AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 4, 2006
11
Integrated
Circuit
Systems, Inc.
ICS81006
VCXO-TO-6 LVCMOS OUTPUTS
SCHEMATIC EXAMPLE
Figure 2 shows an example of ICS81006 application sche-
matic. The decoupling capacitors should be located as close
as possible to the power pin. For the LVCMOS 20
Ω output
drivers, series termination example is shown in the sche-
matic. Additional termination approaches are shown in the
LVCMOS Termination Application Note.
FIGURE 2. ICS81006 SCHEMATIC EXAMPLE
INPUTS:
CONTROL PINS:
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used. The VC pin can not be
floated.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVCMOS OUTPUT:
All unused LVCMOS output can be left floating. We
recommend that there is no trace attached.
C2
SPARE
R5
1K
VC = 0V to VDD
VDD
C1
SPARE
U1
81006
2
3
4
5
11
12
13
14
15
1
XTAL_OUT
VDD
VC
DIV_SEL_Q5
GND
Q3
VDDO
Q2
GND
XTAL_IN
Zo = 50
(U1-13)
C3
0.1uF
Unused outputs can be left floating. There should be
no trace attached to unused outputs. Device
characterized and specification limits set with all
outputs terminated.
C6
0.1uF
C5
0.1uF
C7
10uf
Pull-up
example
(U1-9)
R4
1K
Quartz crystal should be
placed as close to the
device as possible.
VDDO
Pull-down
example
VDD
R3
1K
VDDO
R1
30
VDD
R2
30
VC
C4
0.1uF
XTAL
(U1-17)
Zo = 50
VDD
(U1-3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com