Electronic Components Datasheet Search
  English  ▼

X  

LTM8083 Datasheet(PDF) 5 Page - Analog Devices

Part # LTM8083
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 5 Page - Analog Devices

  LTM8083 Datasheet HTML 1Page - Analog Devices LTM8083 Datasheet HTML 2Page - Analog Devices LTM8083 Datasheet HTML 3Page - Analog Devices LTM8083 Datasheet HTML 4Page - Analog Devices LTM8083 Datasheet HTML 5Page - Analog Devices LTM8083 Datasheet HTML 6Page - Analog Devices LTM8083 Datasheet HTML 7Page - Analog Devices LTM8083 Datasheet HTML 8Page - Analog Devices LTM8083 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LTM4693
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Load Transient Response
2.6VIN to 5VOUT
Load Transient Response
3.3VIN to 1.8VOUT
Load Transient Response
3.3VIN to 3.3VOUT
Load Transient Response
5VIN to 3.3VOUT
Start-Up with No Load
Start-Up with 2A Load
Short-Circuit with No Load
Short-Circuit with 2A Load
Load Transient Response
5VIN to 5VOUT
100µs/DIV
4693 G10
IOUT
0.5A/DIV
VOUT
200mV/DIV
VIN = 2.6V, VOUT = 5V, fSW = 1MHz
COUT = 2× 22F CERAMIC CAP
CTH = 2200pF, RTH = 10k
LOAD STEP 1A–1.5A
100µs/DIV
4693 G11
IOUT
0.5A/DIV
VOUT
100mV/DIV
VIN = 3.3V, VOUT = 1.8V, fSW = 1MHz
COUT = 2× 22F CERAMIC CAP
CTH = 2200pF, RTH = 10k
LOAD STEP 1A–2A
100µs/DIV
4693 G12
IOUT
0.5A/DIV
VOUT
100mV/DIV
VIN = 3.3V, VOUT = 3.3V, fSW = 1MHz
COUT = 2× 22F CERAMIC CAP
CTH = 2200pF, RTH = 10k
LOAD STEP 1A–2A
100µs/DIV
4693 G13
IOUT
0.5A/DIV
VOUT
100mV/DIV
VIN = 5V, VOUT = 3.3V, fSW = 1MHz
COUT = 2× 22F CERAMIC CAP
CTH = 2200pF, RTH = 10k
LOAD STEP 1A–2A
100µs/DIV
4693 G14
IOUT
0.5A/DIV
VOUT
200mV/DIV
VIN = 5V, VOUT = 5V, fSW = 1MHz
COUT = 2× 22F CERAMIC CAP
CTH = 2200pF, RTH = 10k
LOAD STEP 1A–2A
500µs/DIV
4693 G15
IOUT
1A/DIV
VOUT
2V/DIV
VIN = 3.3V, VOUT = 3.3V, fSW = 1MHz, 0A LOAD
COUT = 3× 22F + 3× 2.2F CERAMIC
SOFT-START CAPACITOR = 0.01F
USE RUN PIN TO CONTROL START-UP
1ms/DIV
4693 G16
IOUT
1A/DIV
VOUT
2V/DIV
VIN = 3.3V, VOUT = 3.3V, fSW = 1MHz, 2A LOAD
COUT = 3× 22F + 3× 2.2F CERAMIC
SOFT-START CAPACITOR = 0.01F
USE RUN PIN TO CONTROL START-UP
100µs/DIV
4693 G17
IIN
5A/DIV
VOUT
2V/DIV
VIN = 3.3V, VOUT = 3.3V, fSW = 1MHz, 0A LOAD
COUT = 3× 22F + 3× 2.2F CERAMIC
100µs/DIV
4693 G18
IIN
2A/DIV
VOUT
2V/DIV
VIN = 3.3V, VOUT = 3.3V, fSW = 1MHz, 2A LOAD
COUT = 3× 22F + 3× 2.2F CERAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com