Electronic Components Datasheet Search
  English  ▼

X  

LTM8083 Datasheet(PDF) 10 Page - Analog Devices

Part # LTM8083
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM8083 Datasheet HTML 6Page - Analog Devices LTM8083 Datasheet HTML 7Page - Analog Devices LTM8083 Datasheet HTML 8Page - Analog Devices LTM8083 Datasheet HTML 9Page - Analog Devices LTM8083 Datasheet HTML 10Page - Analog Devices LTM8083 Datasheet HTML 11Page - Analog Devices LTM8083 Datasheet HTML 12Page - Analog Devices LTM8083 Datasheet HTML 13Page - Analog Devices LTM8083 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTM4693
10
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
of the output capacitor need to be considered. In most
LTM4693 applications, an output capacitor between 68µF
and 220µF from VOUT to GND will work well. An additional
low value ceramic capacitor such as 4.7µF can be placed
between VOUT to GND to reduce switching noise to the
control circuitry. The LTpowerCAD® design tool is avail-
able to download online to perform ripple analysis based
on certain number and type of the capacitors.
INPUT DECOUPLING CAPACITORS
The VIN pin carries the full inductor current, provides
power to internal switches and drivers, and powers con-
trol circuits in the IC. To minimize input voltage ripple
and ensure proper operation of the IC, a low ESR bypass
capacitor with a value of at least 22µF should be located as
close to VIN as possible. The traces connecting this capac-
itor to VIN and the ground plane (GND) should be made as
short as possible. An additional low value ceramic capaci-
tor such as 4.7µF can be placed between VIN and GND to
reduce switching noise to the control circuitry.
RECOMMENDED INPUT AND OUTPUT CAPACITORS
The capacitors used to filter the input and output of the
LTM4693 must have low ESR and must be rated to handle
the large AC currents generated by the switching con-
verters. While there are many capacitor types for these
applications (including low ESR tantalum, OSCON and
POSCAP), ceramic capacitors are often utilized in switch-
ing converter applications due to their small size, low ESR
and low leakage currents. The major providers of ceramic
capacitors are AVX, Kemet, Murata, Taiyo Yuden and TDK.
Many ceramic capacitors intended for power applica-
tions experience a significant loss in capacitance from
their rated value as the DC bias voltage on the capacitor
increases. It is not uncommon for a small surface mount
capacitor to lose more than 50% of its rated capacitance
when operated near its maximum rated voltage. This
effect is generally reduced as the case size is increased
for the same nominal value capacitor. As a result, it is
often necessary to use a larger value capacitance or a
higher voltage rated capacitor than would ordinarily be
required to actually realize the intended capacitance at
SOFT-START
The soft-start circuit linearly ramps the average induc-
tor current during the soft-start period (tSS). An internal
soft-start interval of approximately 2ms can be selected
by connecting SS to VIN. For applications requiring a lon-
ger soft-start period, an external capacitor CSS on SS sets
soft-start period according to Equation 8. The total soft-
start time can be calculated as:
tSS (ms) = 0.8 • CSS (nF)
(8)
Figure 2. Circuit to Set Soft-Start Time
CSS
SS
PROGRAMMABLE
SOFT-START
DEFAULT 2ms
SOFT-START
VIN
VIN
SS
4693 F02
where CSS is the capacitance on the SS pin.
The soft-start circuit slowly ramps the error amplifier
output at VC. In doing so, the current command of the
IC is slowly increased, starting from zero. The soft-start
period is defined as the time it takes the SS capacitor to
ramp to 0.9V, allowing VC to command full rated current.
In most situations, VOUT comes into regulation without
needing full inductor current, resulting in power up times
at a fraction of the soft-start period. After initial power up,
soft-start can be reset by VIN UVLO asserting, thermal
shutdown, or a VOUT short-circuit.
OUTPUT CAPACITORS
A low effective series resistance (ESR) output capacitor
should be connected at the output of the buck-boost con-
verter in order to minimize output voltage ripple. Multilayer
ceramic capacitor is an excellent option as it has low ESR
and is available in small footprint. The capacitor value
should be chosen large enough to reduce the output
voltage ripple to acceptable levels. The output voltage
ripple increases with load current and is generally higher
in boost mode than in buck mode. Both output voltage
ripple generated across the output capacitance, and out-
put voltage ripple produced across the internal resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com