Electronic Components Datasheet Search
  English  ▼

X  

LTM8083 Datasheet(PDF) 20 Page - Analog Devices

Part # LTM8083
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8083 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTM8083 Datasheet HTML 14Page - Analog Devices LTM8083 Datasheet HTML 15Page - Analog Devices LTM8083 Datasheet HTML 16Page - Analog Devices LTM8083 Datasheet HTML 17Page - Analog Devices LTM8083 Datasheet HTML 18Page - Analog Devices LTM8083 Datasheet HTML 19Page - Analog Devices LTM8083 Datasheet HTML 20Page - Analog Devices LTM8083 Datasheet HTML 21Page - Analog Devices LTM8083 Datasheet HTML 22Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
LTM4693
20
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 16. 2.6V to 5.5V Input, 3.3V Output with Minimum Components (Default 2ms Soft-Start Time and 1MHz Switching Frequency)
VIN
2.6V to 5.5V
VOUT
3.3V/1.5A
(2A AT BUCK)
2.2nF
10k
LTM4693
GND
GND
GND
GND
GND
GND
GND
VIN
SW2 SW2 SW2
SW1 SW1 SW1
VIN
VIN
MODE/SYNC
FREQ
SS
RUN/UVLO
COMP
4693 TA02
FB
VOUT
VOUT
VOUT
COUT
22µF
26.2k
CIN
22µF
PACKAGE DESCRIPTION
Figure 17. 2.6V to 5.5V Input, 1.8V Output with Adjustable SS Time and 2MHz Switching Frequency
VIN
2.6V to 5.5V
VOUT
1.8V/2A
2.2nF
10k
LTM4693
GND
GND
GND
GND
GND
GND
GND
VIN
SW2 SW2 SW2
SW1 SW1 SW1
VIN
VIN
VIN
MODE/SYNC
FREQ
SS
RUN/UVLO
COMP
4693 TA03
FB
VOUT
VOUT
VOUT
COUT
100µF
75.5k
110k
0.1µF
CIN
22µF
LTM4693 LGA Pinout
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
PIN ID
FUNCTION
A1
GND
A2
SW1
A3
GND
A4
SW2
A5
GND
B1
GND
B2
SW1
B3
GND
B4
SW2
B5
GND
C1
VIN
C2
SW1
C3
GND
C4
SW2
C5
VOUT
D1
VIN
D2
VIN
D3
SS
D4
VOUT
D5
VOUT
E1
RUN/UVLO
E2
MODE/SYNC
E3
FREQ
E4
FB
E5
COMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com