Electronic Components Datasheet Search
  English  ▼

X  

LTC5596 Datasheet(PDF) 10 Page - Analog Devices

Part # LTC5596
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5596 Datasheet(HTML) 10 Page - Analog Devices

Back Button LTC5596 Datasheet HTML 6Page - Analog Devices LTC5596 Datasheet HTML 7Page - Analog Devices LTC5596 Datasheet HTML 8Page - Analog Devices LTC5596 Datasheet HTML 9Page - Analog Devices LTC5596 Datasheet HTML 10Page - Analog Devices LTC5596 Datasheet HTML 11Page - Analog Devices LTC5596 Datasheet HTML 12Page - Analog Devices LTC5596 Datasheet HTML 13Page - Analog Devices LTC5596 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC5597
10
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Linearity Error Temperature
Variation from 25°C at 28GHz
Linearity Error Temperature
Variation from 25°C at 30GHz
Linearity Error Temperature
Variation from 25°C at 39GHz
Linearity Error Temperature
Variation from 25°C at 42GHz
Linearity Error Temperature
Variation from 25°C at 50GHz
Linearity Error Temperature
Variation from 25°C at 52GHz
Linearity Error Temperature
Variation from 25°C at 60GHz
Linearity Error Temperature
Variation from 25°C at 67GHz
Linearity Error Temperature
Variation from 25°C at 70GHz
VCC = 3.3V, EN = 3.3V, TC= 25°C. CW, 50Ω Source
at RFIN, fRF = 2.7GHz, test circuit is shown in Figure 1.
5597 G28
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G29
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G30
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G31
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G32
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G33
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G34
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
3.0
2.5
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597_G35
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G36
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
6
5
4
3
2
1
0
-1
-2
-3
-4
-5
-6
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com