Electronic Components Datasheet Search
  English  ▼

X  

LTM8055 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM8055
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8055 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM8055 Datasheet HTML 4Page - Analog Devices LTM8055 Datasheet HTML 5Page - Analog Devices LTM8055 Datasheet HTML 6Page - Analog Devices LTM8055 Datasheet HTML 7Page - Analog Devices LTM8055 Datasheet HTML 8Page - Analog Devices LTM8055 Datasheet HTML 9Page - Analog Devices LTM8055 Datasheet HTML 10Page - Analog Devices LTM8055 Datasheet HTML 11Page - Analog Devices LTM8055 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTM4693
8
Rev. 0
For more information www.analog.com
OPERATION
The LTM4693 is a standalone nonisolated buck-boost
switching DC/DC power supply. The buck-boost topology
allows the LTM4693 to regulate its output voltage above
or below the input voltage, and the maximum output cur-
rent depends upon the input voltage. In buck and buck-
boost region, the converter can source 2A output current,
while in boost region, the converter can source at least
1A output current. The low RDS(ON), low gate charge syn-
chronous switches and low DCR inductor inside provide
highly efficient power module with a tiny 3.5mm × 4mm
× 1.25mm size. The LTM4693 utilizes a proprietary low
noise switching algorithm to provide a seamless transi-
tion between operating modes. These advantages result
in increased efficiency and stability in comparison to the
traditional buck-boost converter. A simplified block dia-
gram is given on the previous page.
The LTM4693 provides a precisely regulated output volt-
age programmable from 1.8V to 5.5V via an external
resistor connecting from the FB pin to GND. The input
voltage range is from 2.6V to 5.5V.
The LTM4693 utilizes average current mode control
for its pulse width modulator. Current mode control,
both average and the better known peak method, pro-
vide some benefits compared to other control methods
including: simplified loop compensation, rapid response
to load transients and inherent line voltage rejection. The
switching frequency is set by connecting the appropriate
resistor value from the FREQ pin to GND. The LTM4693
default frequency is 1MHz, and it can be configured to
operate over a wide range of switching frequencies, from
1MHz to 4MHz, allowing applications to be optimized for
broad area and efficiency. Driving the MODE/SYNC pin will
synchronize the LTM4693 to an external clock.
Burst Mode operation is available in the LTM4693 and is
user-selected via the MODE/SYNC input pin. In Burst Mode
operation, the LTM4693 provides exceptional efficiency at
light output loads by operating the converter only when
necessary to maintain voltage regulation. The typical
quiescent current in Burst Mode operation is only 15μA
at no load. At higher loads, the LTM4693 automatically
transitions to fixed frequency PWM operation. Continuous
PWM mode can also be selected via the MODE/SYNC pin
for low switching ripple and low noise operation.
The LTM4693 features an accurate, resistor programma-
ble RUN/UVLO comparator which allows the buck-boost
DC/DC converter to turn on and off at user-selected volt-
age thresholds depending on the power source. Besides,
the soft-start period is also programmable by an appropri-
ate capacitor connecting from SS to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com