Electronic Components Datasheet Search
  English  ▼

X  

LTM8055 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM8055
Description  Ultrathin Low VIN, 2A Buck-Boost 關Module Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8055 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM8055 Datasheet HTML 12Page - Analog Devices LTM8055 Datasheet HTML 13Page - Analog Devices LTM8055 Datasheet HTML 14Page - Analog Devices LTM8055 Datasheet HTML 15Page - Analog Devices LTM8055 Datasheet HTML 16Page - Analog Devices LTM8055 Datasheet HTML 17Page - Analog Devices LTM8055 Datasheet HTML 18Page - Analog Devices LTM8055 Datasheet HTML 19Page - Analog Devices LTM8055 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTM4693
16
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 6. Power Loss at 1.8V Output
and 1MHz Switching Frequency
Figure 7. Power Loss at 3.3V Output
and 1MHz Switching Frequency
Figure 8. Power Loss at 5V Output
and 1MHz Switching Frequency
Figure 9. 3.3V to 1.8V Derating
Curve, No Heat Sink
Figure 10. 3.3V to 3.3V
Derating Curve, No Heat Sink
Figure 11. 3.3V to 5V Derating
Curve, No Heat Sink
Figure 12. 5V to 1.8V Derating
Curve, No Heat Sink
Figure 13. 5V to 3.3V Derating
Curve, No Heat Sink
Figure 14. 5V to 5V Derating
Curve, No Heat Sink
VIN = 2.6V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
4693 F06
VIN = 2.6V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
4693 F07
VIN = 2.6V
VIN = 3.3V
VIN = 5V
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
4693 F08
TAMB (°C)
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
4693 F09
0LFM
200LFM
400LFM
TAMB (°C)
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
4693 F10
0LFM
200LFM
400LFM
TAMB (°C)
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
4693 F11
0LFM
200LFM
400LFM
TAMB (°C)
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
4693 F12
0LFM
200LFM
400LFM
TAMB (°C)
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
4693 F13
0LFM
200LFM
400LFM
TAMB (°C)
25
50
75
100
125
0
0.5
1.0
1.5
2.0
2.5
3.0
4693 F14
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com