Electronic Components Datasheet Search
  English  ▼

X  

MAX44294 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX44294
Description  36V, Single/Dual/Quad, Low-Noise Amplifiers with Maximum 0.5關V/째C Offset Drift
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44294 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX44294 Datasheet HTML 1Page - Maxim Integrated Products MAX44294 Datasheet HTML 2Page - Maxim Integrated Products MAX44294 Datasheet HTML 3Page - Maxim Integrated Products MAX44294 Datasheet HTML 4Page - Maxim Integrated Products MAX44294 Datasheet HTML 5Page - Maxim Integrated Products MAX44294 Datasheet HTML 6Page - Maxim Integrated Products MAX44294 Datasheet HTML 7Page - Maxim Integrated Products MAX44294 Datasheet HTML 8Page - Maxim Integrated Products MAX44294 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX44291/MAX44292/MAX44294 are single/dual/
quad low-noise, precision operational amplifiers. The low
offset and low noise specifications and high supply range
make the MAX44291/MAX44292/MAX44294 ideal for
sensor interfaces, loop-powered systems, and various
types of medical and data acquisition instruments.
The MAX44291/MAX44292/MAX44294 operate with a
wide supply voltage range from a 4.5V to 36V single
supply or dual ±2.25V to ±18V supplies, and consume
only 1.2mA/channel (typ). The MAX44291 features a
shutdown input that reduces the supply current to 1μA/
channel (typ) when in shutdown mode.
The rail-to-rail output swing maximizes the dynamic range
when driving high-resolution ADCs even with low supply
voltage. These devices achieve 10MHz of gain-bandwidth
product.
The MAX44291/MAX44292/MAX44294 are available in
8-pin μMAX® (single), 8-pin SO (dual), and 14-pin SO
(quad) packages and are specified over the -40°C to
+125°C automotive temperature range.
Benefits and Features
● Low Input Noise and High Bandwidth to Drive
Precision ADCs
• 4.9nV/√Hz Low Input Noise
• 10MHz Gain-Bandwidth Product
● Low Input Offset Ensures Accurate Results Over
Temperature
• 125µV (max) Low Input Offset Voltage
• 0.5µV/°C (max) Offset Drift
● Low 1.2mA Quiescent Current (Per Channel) Does
Not Break the Power Budget
● ESD Protection Provides Robust Front-End
• ±8kV Human Body Model
• ±1kV Charged Device Model
● Wide Supply for High-Voltage Front-Ends
• Single 4.5V to 36V or Dual ±2.25V to ±18V Supply
Ranges
● 8-Pin µMAX and 8-/14-Pin SO Packages Save Board
Space
Applications
● Portable Logic Controllers
● Instrumentation
● Test and Measurement Systems
● Sensor Interfaces
Ordering Information appears at end of data sheet.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
R1
R2
R1
½ MAX44292
-15V
+15V
+15V
½ MAX44292
RVAR
R2
MAX11100
AVDD REF
AGND
AIN
50Ω 4.096V
MAX6126
VOUT
MICRO-
PROCESSOR
VDD
+5V
LOAD CELL APPLICATION
GND
GND
10µF
SPI
INTERFACE
MAX44291/MAX44292/
MAX44294
36V, Single/Dual/Quad, Low-Noise Amplifiers
with Maximum 0.5µV/°C Offset Drift
19-7384; Rev 1; 5/15
Typical Application Circuit
EVALUATION KIT AVAILABLE


Similar Part No. - MAX44294

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44290 MAXIM-MAX44290 Datasheet
1Mb / 12P
Accommodates Multiple Op Amp Configurations
19-8086; Rev 0; 11/15
MAX44290EVKIT MAXIM-MAX44290EVKIT Datasheet
1Mb / 12P
Accommodates Multiple Op Amp Configurations
19-8086; Rev 0; 11/15
MAX44290EVKIT# MAXIM-MAX44290EVKIT# Datasheet
1Mb / 12P
Accommodates Multiple Op Amp Configurations
19-8086; Rev 0; 11/15
MAX44291 MAXIM-MAX44291 Datasheet
734Kb / 8P
Accommodates Multiple Op Amp Configurations
19-7521; Rev 0; 2/15
MAX44291EVKIT MAXIM-MAX44291EVKIT Datasheet
734Kb / 8P
Accommodates Multiple Op Amp Configurations
19-7521; Rev 0; 2/15
More results

Similar Description - MAX44294

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4238 MAXIM-MAX4238 Datasheet
363Kb / 10P
Ultra-Low Offset/Drift, Low-Noise, Precision SOT23 Amplifiers
Rev 1; 12/02
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Texas Instruments
OPA2180 TI1-OPA2180 Datasheet
872Kb / 25P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA2180 TI-OPA2180_13 Datasheet
1Mb / 27P
0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA180 TI-OPA180 Datasheet
1Mb / 38P
OPAx180 0.1-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift Operational Amplifiers
OPA2188 TI-OPA2188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output, 36-V, Zero-Drift OPERATIONAL AMPLIFIERS
OPA4188 TI-OPA4188_15 Datasheet
1Mb / 28P
0.03-關V/째C Drift, Low-Noise, Rail-to-Rail Output,36-V, Zero-Drift OPERATIONAL AMPLIFIERS
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
ADA4805-1 AD-ADA4805-1 Datasheet
772Kb / 25P
0.2 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifiers
REV. B
ADA4805-2-EP AD-ADA4805-2-EP Datasheet
233Kb / 9P
0.4 關V/째C Offset Drift, 105 MHz Low Power, Low Noise, Rail-to-Rail Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com