Electronic Components Datasheet Search
  English  ▼

X  

MAX44294 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX44294
Description  36V, Single/Dual/Quad, Low-Noise Amplifiers with Maximum 0.5關V/째C Offset Drift
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44294 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX44294 Datasheet HTML 1Page - Maxim Integrated Products MAX44294 Datasheet HTML 2Page - Maxim Integrated Products MAX44294 Datasheet HTML 3Page - Maxim Integrated Products MAX44294 Datasheet HTML 4Page - Maxim Integrated Products MAX44294 Datasheet HTML 5Page - Maxim Integrated Products MAX44294 Datasheet HTML 6Page - Maxim Integrated Products MAX44294 Datasheet HTML 7Page - Maxim Integrated Products MAX44294 Datasheet HTML 8Page - Maxim Integrated Products MAX44294 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
(VDD = +15V, VSS = -15V, RL = 10kΩ to VGND = 0V, VIN_+ = VIN_- = VGND = 0V, VSHDN = 0V (MAX44291 only), TA = -40°C to +125°C.
Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
Note 2: All devices are 100% production tested at TA = +25°C. Temperature limits are guaranteed by design.
Note 3: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
VOS
TA = +25°C
30
125
µV
-40°C ≤ TA ≤ +125°C
165
Input Offset Voltage Drift
TCVOS
(Note 3)
0.2
0.5
µV/°C
Input Bias Current
IB
TA = +25°C
6
25
nA
-40°C ≤ TA ≤ +125°C
55
Input Offset Current
IOS
TA = +25°C
4
12
nA
-40°C ≤ TA ≤ +125°C
30
Open-Loop Gain
AVOL
VSS + 0.2V ≤
VOUT ≤ VDD -
0.2V, RL = 10kΩ
TA = +25°C
130
140
dB
-40°C ≤ TA ≤ +125°C
125
Output Voltage Swing
VOH
VDD - VOUT
TA = +25°C
100
160
mV
-40°C ≤ TA ≤ +125°C
220
VOL
VOUT - VSS
TA = +25°C
100
160
-40°C ≤ TA ≤ +125°C
220
Output Short-Circuit Current
ISC
To VDD or VSS (1s max)
60
mA
AC SPECIFICATIONS
Input Voltage-Noise Density
eN
f = 1kHz
4.9
nV/√Hz
Input Voltage Noise
0.1Hz ≤ f ≤ 10Hz
288
nVP-P
Input Current-Noise Density
iN
f = 1kHz
0.89
pA/√Hz
Gain-Bandwidth Product
GBW
VIN = 100mVP-P
10
MHz
Slew Rate
SR
AV = 1V/V, VOUT = 2VP-P
5
V/µs
Settling Time
tS
To 0.01%, VOUT = 10VP-P, CL = 100pF, AV
= 1V/V
2
µs
Total Harmonic Distortion Plus
Noise
THD+N
f = 1kHz, VOUT = 2VP-P, AV = 1V/V
-110
dB
Capacitive Loading
CL
No sustained oscillation, AV = 1V/V
100
pF
MAX44291/MAX44292/
MAX44294
36V, Single/Dual/Quad, Low-Noise Amplifiers with
Maximum 0.5µV/°C Offset Drift
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com