Electronic Components Datasheet Search
  English  ▼

X  

MAX44294 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX44294
Description  36V, Single/Dual/Quad, Low-Noise Amplifiers with Maximum 0.5關V/째C Offset Drift
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44294 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX44294 Datasheet HTML 1Page - Maxim Integrated Products MAX44294 Datasheet HTML 2Page - Maxim Integrated Products MAX44294 Datasheet HTML 3Page - Maxim Integrated Products MAX44294 Datasheet HTML 4Page - Maxim Integrated Products MAX44294 Datasheet HTML 5Page - Maxim Integrated Products MAX44294 Datasheet HTML 6Page - Maxim Integrated Products MAX44294 Datasheet HTML 7Page - Maxim Integrated Products MAX44294 Datasheet HTML 8Page - Maxim Integrated Products MAX44294 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
(VDD = +15V, VSS = -15V, RL = 10kΩ connected to GND. VIN_+ = VIN_- = VGND = 0V, VSHDN = 0V, TA = +25°C, unless otherwise
specified.)
1.005
1.01
1.015
1.02
1.025
1.03
1.035
1.04
0 3 6 9 12 15 18 21 24 27 30 33 36 39
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
toc02
1.18
1.19
1.2
1.21
1.22
1.23
1.24
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
SUPPLY CURRENT vs.
TEMPERATURE
toc03
-48
-46
-44
-42
-40
-38
-36
-34
-32
-30
-28
-26
-24
-22
-20
-15
-5
5
15
COMMON-MODE VOLTAGE (V)
INPUT OFFSET VOLTAGE
vs. COMMON-MODE VOLTAGE
toc04
TA = +125°C
TA = +85°C
TA = -40°C
TA = +25°C
0
1
2
3
4
5
6
-15
-5
5
15
COMMON-MODE VOLTAGE (V)
INPUT BIAS CURRENT(+)
vs. COMMON-MODE VOLTAGE
toc05
TA = +125°C
TA = +85°C
TA = -40°C
TA = +25°C
0
1
2
3
4
5
6
7
8
9
10
-15
-5
5
15
COMMON-MODE VOLTAGE (V)
INPUT BIAS CURRENT(-)
vs. COMMON-MODE VOLTAGE
toc06
TA = +125°C
TA = +85°C
TA = -40°C
TA = +25°C
100
110
120
130
140
150
160
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
COMMON-MODE REJECTION RATIO
vs. TEMPERATURE
toc07
-120
-100
-80
-60
-40
-20
0
10
1000
100000
10000000
FREQUENCY (Hz)
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
toc08
0
5
10
15
20
25
30
0
10
20
30
40
50
60
INPUT OFFSET VOLTAGE (µV)
INPUT OFFSET VOLTAGE HISTOGRAM
toc01
MAX44291/MAX44292/
MAX44294
36V, Single/Dual/Quad, Low-Noise Amplifiers with
Maximum 0.5µV/°C Offset Drift
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com