Electronic Components Datasheet Search
  English  ▼

X  

MAX17561 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX17561
Description  Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17561 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX17561 Datasheet HTML 4Page - Maxim Integrated Products MAX17561 Datasheet HTML 5Page - Maxim Integrated Products MAX17561 Datasheet HTML 6Page - Maxim Integrated Products MAX17561 Datasheet HTML 7Page - Maxim Integrated Products MAX17561 Datasheet HTML 8Page - Maxim Integrated Products MAX17561 Datasheet HTML 9Page - Maxim Integrated Products MAX17561 Datasheet HTML 10Page - Maxim Integrated Products MAX17561 Datasheet HTML 11Page - Maxim Integrated Products MAX17561 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
(CIN = 0.47μF, COUT = 4.7μF, TA = +25°C, unless otherwise noted.)
0.90
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
°C)
NORMALIZED UVLO THRESHOLD
VS. TEMPERATURE
toc08
VIN = +24V
0
10
20
30
40
50
60
70
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
°C)
SHUTDOWN SUPPLY CURRENT
VS. TEMPERATURE
toc09
VIN = +24V
EN = LOW
HVEN = 5V
OUT = OVLO = UVLO = GND
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
°C)
SHUTDOWN REVERSE
CURRENT VS. TEMPERATURE
toc10
VIN = -24V
EN = LOW
HVEN = FLOATING
OUT = OVLO = UVLO = GND
15.0
15.5
16.0
16.5
17.0
17.5
18.0
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
°C)
SWITCH DEBOUNCE TIME
VS. TEMPERATURE
toc11
VIN = +24V
0
20
40
60
80
100
120
140
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (
°C)
SWITCH TURN-OFF TIME
VS. TEMPERATURE
toc12
VIN = +24V, CL = 10µF
EN TRANSITION TO IOUTFALLING
TO 10% OF INITIAL VALUE
POWER-UP RESPONSE
10V/div
10ms/div
VIN
VOUT
10V/div
toc14
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
2
4
6
8
10 12 14 16 18 20
RSETI (kΩ)
CURRENT LIMIT VS. RSETI
toc13
VIN = +24V
Typical Operating Characteristics (continued)
Maxim Integrated │ 8
www.maximintegrated.com
MAX17561/MAX17562/
MAX17563
Adjustable Overvoltage and Overcurrent
Protectors with High Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com