Electronic Components Datasheet Search
  English  ▼

X  

MAX17561 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17561
Description  Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17561 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17561 Datasheet HTML 1Page - Maxim Integrated Products MAX17561 Datasheet HTML 2Page - Maxim Integrated Products MAX17561 Datasheet HTML 3Page - Maxim Integrated Products MAX17561 Datasheet HTML 4Page - Maxim Integrated Products MAX17561 Datasheet HTML 5Page - Maxim Integrated Products MAX17561 Datasheet HTML 6Page - Maxim Integrated Products MAX17561 Datasheet HTML 7Page - Maxim Integrated Products MAX17561 Datasheet HTML 8Page - Maxim Integrated Products MAX17561 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
(
VIN = 4.5V to 36V, TA = -40NC to +125NC, unless otherwise noted. Typical values are at VIN = 24V, RSETI = 12kI, TA = +25°C.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
IN Voltage Range
VIN
4.5
36
V
Shutdown Input Current
ISHDN
VEN = 0V, VHVEN = 5V, TA = 25°C
9
F
A
Shutdown Output Current
IOFF
VOUT = 0V
4
F
A
Reverse Input Current
IIN_RVS
VIN = -40V, VOUT = VGND = 0V
-10
F
A
Supply Current
IIN
VIN = 15V, RSETI = 12kI
490
700
F
A
Internal Overvoltage Trip Level
VOVLO
VIN rising
32
33
34
V
VIN falling
32
Internal Undervoltage Trip Level
VUVLO
VIN falling
17.5
18.5
19.5
V
VIN rising
18.2
19.2
20.2
Overvoltage-Lockout Hysteresis
% of typical OVLO
3
%
External OVLO Adjustment Range
(Note 4)
6
36
V
External OVLO Select Voltage
VOVLOSEL
0.3
0.50
V
External OVLO Leakage Current
IOVLO_LEAK VOVLO < 1.2V
-100
+100
nA
External UVLO Adjustment Range
(Note 4)
4.5
24
V
External UVLO Select Voltage
VOVLOSEL
0.3
0.50
V
External UVLO Leakage Current
IUVLO_LEAK VUVLO < 1.2V
-100
+100
nA
BG Reference Voltage
VBG
1.186
1.210
1.234
V
Minimum SETI Voltage
VSETI
1
V
INTERNAL FETs
Internal FET On-Resistance
RON
ILOAD = 100mA, VIN R 8V
100
190
mI
Current-Limit Adjustment Range
ILIM
(Note 5)
0.7
4.2
A
Current-Limit Accuracy
-15
+15
%
FLAG
Assertion Drop Voltage
Threshold
VFA
Increase (VIN - VOUT) drop until FLAG
asserts, VIN = 24V
560
mV
Reverse Current-Blocking Threshold
VRIB
VOUT - VIN
30
55
70
mV
Reverse Current-Blocking Response
Time (Note 6)
tRIB
0.9
2.0
µs
Reverse Blocking Leakage Current
IRBL
VOUT - VIN > 160mV, current into OUT
0.8
2.0
mA
FLAG OUTPUT
FLAG
Output Logic-Low Voltage
ISINK = 1mA
0.4
V
FLAG
Output Leakage Current
VIN = VFLAG = 5V, FLAG deasserted
2
F
A
Electrical Characteristics
www.maximintegrated.com
Maxim Integrated │ 3
MAX17561/MAX17562/
MAX17563
Adjustable Overvoltage and Overcurrent
Protectors with High Accuracy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com